Electronic Components Datasheet Search
  English  ▼

X  

SP336ECT-L Datasheet(PDF) 11 Page - Exar Corporation

Part # SP336ECT-L
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336ECT-L Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP336ECT-L Datasheet HTML 7Page - Exar Corporation SP336ECT-L Datasheet HTML 8Page - Exar Corporation SP336ECT-L Datasheet HTML 9Page - Exar Corporation SP336ECT-L Datasheet HTML 10Page - Exar Corporation SP336ECT-L Datasheet HTML 11Page - Exar Corporation SP336ECT-L Datasheet HTML 12Page - Exar Corporation SP336ECT-L Datasheet HTML 13Page - Exar Corporation SP336ECT-L Datasheet HTML 14Page - Exar Corporation SP336ECT-L Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections to the
specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability and cause permanent
damage to the device.
Supply Voltage VCC
+6.0V
Receiver Input VIN (DC Input Voltage)
-15V to +15V
Input Voltage at TTL input Pins
-0.3V to Vcc + 0.5V
Driver Output Voltage (from Ground)
-7.5V to +12.5V
Short Circuit Duration, TXout to GND
Continuous
Storage Temperature Range
-65°C to + 150°C
Lead Temperature (soldering, 10s)
+300°C
Power Dissipation 28-pin SOIC-W
(derate 17mW/°C above +70°C)
938mW
Power Dissipation 28-pin TSSOP
(derate 12mW/°C above +70°C)
657mW
SP336E
11
REV. 1.0.0
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
CAUTION:
ESD (Electrostatic Discharge) sensitive device. Permanent damage may occur on unconnected devices subject to high energy electrostatic fields. Unused
devices must be stored in conductive foam or shunts. Personnel should be properly grounded prior to handling this device. The protective foam should be
discharged to the destination socket before devices are removed.
ELECTRICAL CHARACTERISTICS
UNLESS OTHERWISE NOTED: VCC = +3.3V +/-5% OR +5.0V +/-5%; TA = TMIN TO TMAX. TYPICAL VALUES ARE AT
VCC = 3.3V, TA = +25OC.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DC CHARACTERISTICS
ICC
Supply Current (RS-232)
2
30
mA
No Load, MODE = 001.
ICC
Supply Current (RS-485)
6.5
20
mA
No Load, MODE = 101.
ICC
Vcc Shutdown Current
1
20
μA
MODE = 111.
TRANSMITTER and LOGIC INPUT PINS: Pins 1, 2, 23, 24, 25, 26, 27, 28
VIH
Logic Input Voltage HIGH
2.0
V
Vcc = 3.3V.
VIH
Logic Input Voltage HIGH
2.4
V
Vcc = 5.0V.
VIL
Logic Input Voltage LOW
0.8
V
IIL
Logic Input Pull-up Current
+/-15
μA
VHYS
Logic Input Hysteresis
0.5
V
RS-232 and RS-485/422 RECEIVER OUTPUTS: Pins 19, 20, 21, 22
VOH
Receiver Output Voltage HIGH
Vcc-
0.6
V
IOUT = -1.5mA.
VOL
Receiver Output Voltage LOW
0.4
V
IOUT = 2.5mA.
IOSS
Receiver Output Short-Circuit
Current
+/-20
+/-60
mA
0 < Vo < Vcc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com