Electronic Components Datasheet Search
  English  ▼

X  

SP336ECT-L Datasheet(PDF) 16 Page - Exar Corporation

Part # SP336ECT-L
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336ECT-L Datasheet(HTML) 16 Page - Exar Corporation

Back Button SP336ECT-L Datasheet HTML 12Page - Exar Corporation SP336ECT-L Datasheet HTML 13Page - Exar Corporation SP336ECT-L Datasheet HTML 14Page - Exar Corporation SP336ECT-L Datasheet HTML 15Page - Exar Corporation SP336ECT-L Datasheet HTML 16Page - Exar Corporation SP336ECT-L Datasheet HTML 17Page - Exar Corporation SP336ECT-L Datasheet HTML 18Page - Exar Corporation SP336ECT-L Datasheet HTML 19Page - Exar Corporation SP336ECT-L Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
FIGURE 4. RS-485 DRIVER DC TEST CIRCUIT
R
L/2
R
L/2
VOC
T
VCC
VOD
DI
FIGURE 5. RS-485 DRIVER COMMON MODE LOAD TEST
A
B
Tx
DI = 0 or Vcc
60Ω
DE = 3.3V
VOD
375Ω
375Ω
V
CM
FIGURE 6. RS-485 DRIVER OUTPUT SHORT CIRCUIT TEST
A
D
DI = 0 or Vcc
B
EN = 0 or Vcc
IOSD
100Ω
-7V to +12V V
SP336E
16
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
REV. 1.0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com