Electronic Components Datasheet Search
  English  ▼

X  

SP336ECT-L Datasheet(PDF) 14 Page - Exar Corporation

Part # SP336ECT-L
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336ECT-L Datasheet(HTML) 14 Page - Exar Corporation

Back Button SP336ECT-L Datasheet HTML 10Page - Exar Corporation SP336ECT-L Datasheet HTML 11Page - Exar Corporation SP336ECT-L Datasheet HTML 12Page - Exar Corporation SP336ECT-L Datasheet HTML 13Page - Exar Corporation SP336ECT-L Datasheet HTML 14Page - Exar Corporation SP336ECT-L Datasheet HTML 15Page - Exar Corporation SP336ECT-L Datasheet HTML 16Page - Exar Corporation SP336ECT-L Datasheet HTML 17Page - Exar Corporation SP336ECT-L Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
SP336E
14
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
REV. 1.0.0
tLZ
Receiver Output Low to Disable
50
ns
Figures 15 and 19.
RS-485/RS-422 (SLEW = Vcc, 10Mbps, ONE TRANSMITTER SWITCHING)
Maximum Data Rate
10
Mbps RDIFF = 54Ω, CL = 50pF.
tDPHL, tDPLH Differential Output Propagation
Delay Time
60
120
ns
Figures 7 and 8.
tR, tF
Driver Rise and Fall Time
10
25
ns
Figures 7 and 8.
⏐tDPHL-
tDPLH⏐
Driver Propagation Delay Skew
10
ns
Figures 7 and 8.
tDZH, tDZL
Driver Output Enable Time
900
ns
Figures 9, 10, 11 and 12.
tDHZ, tDLZ
Driver Output Disable Time
900
ns
Figures 9, 10, 11 and 12.
tPHL, tPLH
Receiver Propagation Delay
150
ns
Figures 13 and 14.
tZH
Receiver Enable to Output High
32
ns
Figures 15 and 16.
tZL
Receiver Enable to Output Low
32
ns
Figures 15 and 17.
tHZ
Receiver Output High to Disable
40
ns
Figures 15 and 18.
tLZ
Receiver Output Low to Disable
40
ns
Figures 15 and 19.
UNLESS OTHERWISE NOTED: VCC = +3.3V +/-5% OR +5.0V +/-5%; TA = TMIN TO TMAX. TYPICAL VALUES ARE AT
VCC = 3.3V, TA = +25OC.
SYMBOL
PARAMETERS
MIN.TYP.
MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com