Electronic Components Datasheet Search
  English  ▼

X  

SP336ECT-L Datasheet(PDF) 23 Page - Exar Corporation

Part # SP336ECT-L
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336ECT-L Datasheet(HTML) 23 Page - Exar Corporation

Back Button SP336ECT-L Datasheet HTML 19Page - Exar Corporation SP336ECT-L Datasheet HTML 20Page - Exar Corporation SP336ECT-L Datasheet HTML 21Page - Exar Corporation SP336ECT-L Datasheet HTML 22Page - Exar Corporation SP336ECT-L Datasheet HTML 23Page - Exar Corporation SP336ECT-L Datasheet HTML 24Page - Exar Corporation SP336ECT-L Datasheet HTML 25Page - Exar Corporation SP336ECT-L Datasheet HTML 26Page - Exar Corporation SP336ECT-L Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
SP336E
23
REV. 1.0.0
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
2.0 SUGGESTED APPLICATION DIAGRAMS
The SP336E supports all signals used in RS-232 over an 8 pin modular jack (RJ-45) as defined in TIA/EIA-
561. For DTE serial port only three drivers are required. Driver_1 is not used in this configuration and its driver
input should be tied to high or low.
SP336E may also be used to implement a standard serial port over a DB-9 connector (TIA/EIA-574 or the
standard IBM serial port). In that case either DSR or RI signal can be supported. Both DSR and RI are used
mainly for dial-up connections and are typically not needed on dedicated lines. If both signals are required, add
a discrete transceiver such as SP3220E.
An alternative implementation would be to use the SP336E to emulate the functionality of two dual-channel
RS-232 transceivers (2 x SP232’s or equivalent).
Loop-Back
Changing from RS-232 mode (MODE 001) to loop-back mode (MODE 000) duplicates the function of an
external loop-back plug. Loop-back can be used to test serial port functionality or to diagnose faults.
FIGURE 24. RS-232E SERIAL PORT (EIA-561 / EIA-574)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com