Electronic Components Datasheet Search
  English  ▼

X  

SP336ECT-L Datasheet(PDF) 6 Page - Exar Corporation

Part # SP336ECT-L
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336ECT-L Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP336ECT-L Datasheet HTML 2Page - Exar Corporation SP336ECT-L Datasheet HTML 3Page - Exar Corporation SP336ECT-L Datasheet HTML 4Page - Exar Corporation SP336ECT-L Datasheet HTML 5Page - Exar Corporation SP336ECT-L Datasheet HTML 6Page - Exar Corporation SP336ECT-L Datasheet HTML 7Page - Exar Corporation SP336ECT-L Datasheet HTML 8Page - Exar Corporation SP336ECT-L Datasheet HTML 9Page - Exar Corporation SP336ECT-L Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SP336E
6
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
REV. 1.0.0
Pin type: I=Input, O=Output, Pwr=Power supply, Pmp = Charge pump.
27
T2_In
I
T2 Driver Input.
T1 Driver Enable Active
High.
T1 Driver Enable Active
High and R1 Receiver
Enable Active Low.
28
T3_In
I
T3 Driver Input.
Pin Assignments
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
SINGLE ENDED
FULL-DUPLEX
HALF-DUPLEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com