Electronic Components Datasheet Search
  English  ▼

X  

SP336ECT-L Datasheet(PDF) 12 Page - Exar Corporation

Part # SP336ECT-L
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336ECT-L Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP336ECT-L Datasheet HTML 8Page - Exar Corporation SP336ECT-L Datasheet HTML 9Page - Exar Corporation SP336ECT-L Datasheet HTML 10Page - Exar Corporation SP336ECT-L Datasheet HTML 11Page - Exar Corporation SP336ECT-L Datasheet HTML 12Page - Exar Corporation SP336ECT-L Datasheet HTML 13Page - Exar Corporation SP336ECT-L Datasheet HTML 14Page - Exar Corporation SP336ECT-L Datasheet HTML 15Page - Exar Corporation SP336ECT-L Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
SP336E
12
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
REV. 1.0.0
IOZ
Receiver Output Leakage Current
+/-
0.05
+/-1
μA
Receivers Disabled.
SINGLE-ENDED RECEIVER INPUTS (RS-232)
Input Voltage Range
-15
+15
V
Input Threshold Low
0.6
1.2
V
VCC = 3.3V.
0.8
1.5
V
VCC = 5.0V.
Input Threshold HIGH
1.5
2.0
V
VCC = 3.3V.
1.8
2.4
V
VCC = 5.0V.
Input Hysteresis
0.5
V
Input Resistance
3
5
7
k
Ω
DIFFERENTIAL RECEIVER INPUTS (RS-485 / RS-422)
RIN
Receiver Input Resistance
96
k
Ω
-7V
≤ VCM ≤ +12V.
VTH
Receiver Differential Threshold Volt-
age
-200
-125
-50
mV
ΔVTH
Receiver Input Hysteresis
30
mV
VCM = 0V.
IIN
Input Current
125
μA
DE = 0V, VIN = 12V, Full-Duplex.
-100
μA
DE = 0V, VIN = -7V, Full-Duplex.
SINGLE-ENDED DRIVER OUTPUTS (RS-232)
VO
Output Voltage Swing
+/-5.0
+/-5.4
V
Output Loaded with 3k
Ω to
GND.
+/-6.0
V
No Load Output.
Short Circuit Current
+/-60
mA
VO = 0V.
Power Off Impedance
300
10M
Ω
Vcc = 0V; VO = +/-2V.
DIFFERENTIAL DRIVER OUTPUTS (RS-485 / RS-422)
VOD
Differential Driver Output (Tx_Out)
2
Vcc
V
RL = 100Ω (RS-422), Figure 4.
1.5
Vcc
V
RL = 54Ω (RS-485), Figure 4.
1.5
Vcc
V
VCM = -7V, Figure 5.
1.5
Vcc
V
VCM = +12V, Figure 5.
ΔVOD
Change In Magnitude of Differential
Output Voltage
-0.2
+0.2
V
RL = 54Ω or 100Ω, Figure 4.
VOC
Driver Common Mode Output Volt-
age
3
V
RL = 54Ω or 100Ω, Figure 4.
ΔVOC
Change In Magnitude of Common
Mode Output Voltage
0.2
V
RL = 54Ω or 100Ω, Figure 4.
Driver Output Short Circuit Current
+/-250
mA
V = +12V to -7V, Figure 6.
IO
Output Leakage Current
+/-100
μA
DE = 0V or Shutdown, VO =
+12V to -7V.
UNLESS OTHERWISE NOTED: VCC = +3.3V +/-5% OR +5.0V +/-5%; TA = TMIN TO TMAX. TYPICAL VALUES ARE AT
VCC = 3.3V, TA = +25OC.
SYMBOL
PARAMETERS
MIN.TYP.
MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com