Electronic Components Datasheet Search
  English  ▼

X  

SP336ECT-L Datasheet(PDF) 15 Page - Exar Corporation

Part # SP336ECT-L
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336ECT-L Datasheet(HTML) 15 Page - Exar Corporation

Back Button SP336ECT-L Datasheet HTML 11Page - Exar Corporation SP336ECT-L Datasheet HTML 12Page - Exar Corporation SP336ECT-L Datasheet HTML 13Page - Exar Corporation SP336ECT-L Datasheet HTML 14Page - Exar Corporation SP336ECT-L Datasheet HTML 15Page - Exar Corporation SP336ECT-L Datasheet HTML 16Page - Exar Corporation SP336ECT-L Datasheet HTML 17Page - Exar Corporation SP336ECT-L Datasheet HTML 18Page - Exar Corporation SP336ECT-L Datasheet HTML 19Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
SP336E
15
REV. 1.0.0
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
1.0 FUNCTION TABLES
The SP336E drivers and receivers may be configured to operate as either standard RS-485/RS-422 or RS-232
devices. RS-485/RS422 drivers have differential outputs and receivers have differential inputs. RS-232 drivers
and receivers are single-ended with inverting outputs.
TABLE 1: R-485/RS-422 FULL DUPLEX: MODE 011 (T3, R3), MODE 101 (T1, T3, R1, R3)
DRIVERS
RECEIVERS
Inputs
Outputs
Inputs
Output
Tx_EN
Tx_In
Tx(A)
Tx(B)
Rx(A) - Rx(B)
RxOut
1
1
0
1
> -50mV
1
1
0
1
0
≤ -200mV
0
0
x
High-Z
Open / Shorted
1
TABLE 2: R-485/RS-422 HALF DUPLEX: MODE 010 (T3, R3), MODE 100 (T1, T3, R1, R3)
TRANSMITTING
RECEIVING
Inputs
Outputs
Inputs
Outputs
DE/RE
TxIn
Tx(A)
Tx(B)
DE/RE
Rx(A) - Rx(B)
RxOut
1
1
0
1
1
x
High-Z
1
0
1
0
1
x
High-Z
0
x
High-Z
High-Z
0
> -50mV
1
0
≤ -200mV
0
0
Open / Shorted
1
TABLE 3: RS-232 MODE 001 (ALL TX AND RX), MODES 011, 010 (T1, T2, R1, R2), MODE 110 (R1- R4)
DRIVERS
RECEIVERS
Input
Output
Input
Output
0
≥ 5V
≥ 3V
0
1
≤ -5V
≤ -3V
1
Open
≤ -5V
Open
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com