Electronic Components Datasheet Search
  English  ▼

X  

SP336ECT-L Datasheet(PDF) 24 Page - Exar Corporation

Part # SP336ECT-L
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336ECT-L Datasheet(HTML) 24 Page - Exar Corporation

Back Button SP336ECT-L Datasheet HTML 20Page - Exar Corporation SP336ECT-L Datasheet HTML 21Page - Exar Corporation SP336ECT-L Datasheet HTML 22Page - Exar Corporation SP336ECT-L Datasheet HTML 23Page - Exar Corporation SP336ECT-L Datasheet HTML 24Page - Exar Corporation SP336ECT-L Datasheet HTML 25Page - Exar Corporation SP336ECT-L Datasheet HTML 26Page - Exar Corporation SP336ECT-L Datasheet HTML 27Page - Exar Corporation SP336ECT-L Datasheet HTML 28Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
SP336E
24
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
REV. 1.0.0
RS-232 to RS-485 Translator
SP336E can be used to implement a single-chip RS-232 to RS-485 translator function. Both full-duplex (4-wire
RS-485) and half-duplex (2-wire RS-485) configurations are shown. RS-485 is capable of communicating on
data cables up to 4000 feet (1200 meter) which makes it an ideal interface for extending the reach of short-
range serial ports like RS-232. The configurations shown can be used to connect directly to existing PC type
RS-232 serial ports to enable extended-reach communication.
The RTS signal (circuit CA or 105) is used as a transmit direction control signal for half-duplex. The ON
condition puts the repeater into transmit mode and inhibits receive. On a half-duplex channel RxD should be
held in MARK state (binary 1) when receiver 3 is inactive. Driver 1 on the SP336E can be used to generate
DSR or CTS signal to indicate to the host terminal that the translator is powered-on and ready.
Shutdown Modes
SP336E features two shutdown modes. In mode 111 (full shutdown) all drivers and receivers are at high
impedance. In mode 110, all drivers are tri-state but all four receivers remain active. In modes 101 and 100 two
differential receivers can be kept active while the differential drivers are tri-stated using the Tx_EN inputs.
FIGURE 25. RS-232 / RS-485 TRANSLATOR FULL-DUPLEX CABLE-EXTENDER (MODE 011)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com