Electronic Components Datasheet Search
  English  ▼

X  

SP336ECT-L Datasheet(PDF) 26 Page - Exar Corporation

Part # SP336ECT-L
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336ECT-L Datasheet(HTML) 26 Page - Exar Corporation

Back Button SP336ECT-L Datasheet HTML 22Page - Exar Corporation SP336ECT-L Datasheet HTML 23Page - Exar Corporation SP336ECT-L Datasheet HTML 24Page - Exar Corporation SP336ECT-L Datasheet HTML 25Page - Exar Corporation SP336ECT-L Datasheet HTML 26Page - Exar Corporation SP336ECT-L Datasheet HTML 27Page - Exar Corporation SP336ECT-L Datasheet HTML 28Page - Exar Corporation SP336ECT-L Datasheet HTML 29Page - Exar Corporation SP336ECT-L Datasheet HTML 30Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
SP336E
26
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
REV. 1.0.0
Bus Repeater
Mode 101 can be used as a bus-repeater to extend the reach of an RS-422 bus. This configuration is best
suited for point-to-point or multi-drop communications because the drivers are always active and echoing data
from their corresponding receiver.
For applications where multiple nodes are allowed to transmit, some type of bus arbitration should be used.
One technique would be to use SP336E in conjunction with external decoder logic, packet buffers and node
address fields embedded in the data stream. Receiving the correct node address triggers Tx_EN to pass data
onward.
Mode 100 could implement a repeater / gateway to partition or extend RS-485 networks. Direction Control
determines when data is forwarded to or from segments A and B.
FIGURE 27. RS-422 BUS-REPEATER (MODE 101)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com