Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 13 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button HCS12 Datasheet HTML 9Page - Motorola, Inc HCS12 Datasheet HTML 10Page - Motorola, Inc HCS12 Datasheet HTML 11Page - Motorola, Inc HCS12 Datasheet HTML 12Page - Motorola, Inc HCS12 Datasheet HTML 13Page - Motorola, Inc HCS12 Datasheet HTML 14Page - Motorola, Inc HCS12 Datasheet HTML 15Page - Motorola, Inc HCS12 Datasheet HTML 16Page - Motorola, Inc HCS12 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Block Guide — S12BDM V4
13
BDMACT — BDM active status
This bit becomes set upon entering BDM. The standard BDM firmware lookup table is then enabled
and put into the memory map. BDMACT is cleared by a carefully timed store instruction in the
standard BDM firmware as part of the exit sequence to return to user code and remove the BDM
memory from the map.
1 = BDM active
0 = BDM not active
ENTAG — Tagging enable
This bit indicates whether instruction tagging in enabled or disabled. It is set when the TAGGO
command is executed and cleared when BDM is entered. The serial system is disabled and the tag
function enabled 16 cycles after this bit is written. BDM cannot process serial commands while
tagging is active.
1 = Tagging enabled
0 = Tagging not enabled or BDM active
SDV — Shift data valid
This bit is set and cleared by the BDM hardware. It is set after data has been transmitted as part of a
firmware read command or after data has been received as part of a firmware write command. It is
cleared when the next BDM command has been received or BDM is exited. SDV is used by the
standard BDM firmware to control program flow execution.
1 = Data phase of command is complete
0 = Data phase of command not complete
TRACE — TRACE1 BDM firmware command is being executed
This bit gets set when a BDM TRACE1 firmware command is first recognized. It will stay set as long
as continuous back-to-back TRACE1 commands are executed. This bit will get cleared when the next
command that is not a TRACE1 command is recognized.
1 = TRACE1 command is being executed
0 = TRACE1 command is not being executed
CLKSW — Clock switch
The CLKSW bit controls which clock the BDM operates with. It is only writable from a hardware
BDM command. A 150 cycle delay at the clock speed that is active during the data portion of the
command will occur before the new clock source is guaranteed to be active. The start of the next BDM
command uses the new clock for timing subsequent BDM communications.
Table 3-2 shows the resulting BDM clock source based on the CLKSW and the PLLSEL (Pll select
from the clock and reset generator) bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com