Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 15 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 15 Page - Motorola, Inc

Back Button HCS12 Datasheet HTML 11Page - Motorola, Inc HCS12 Datasheet HTML 12Page - Motorola, Inc HCS12 Datasheet HTML 13Page - Motorola, Inc HCS12 Datasheet HTML 14Page - Motorola, Inc HCS12 Datasheet HTML 15Page - Motorola, Inc HCS12 Datasheet HTML 16Page - Motorola, Inc HCS12 Datasheet HTML 17Page - Motorola, Inc HCS12 Datasheet HTML 18Page - Motorola, Inc HCS12 Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Block Guide — S12BDM V4
15
3.2 BDM CCR Holding Register
Figure 3-2 BDM CCR Holding Register (BDMCCR)
Read: All modes
Write: All modes
NOTE:
When BDM is made active, the CPU stores the value of the CCR register in the
BDMCCR register. However, out of special single-chip reset, the BDMCCR is set
to $D8 and not $D0 which is the reset value of the CCR register.
When entering background debug mode, the BDM CCR holding register is used to save the contents of
the condition code register of the user’s program. It is also used for temporary storage in the standard BDM
firmware mode. The BDM CCR holding register can be written to modify the CCR value.
3.3 BDM Internal Register Position Register
Figure 3-3 BDM Internal Register Position (BDMINR)
Read: All modes
Write: Never
REG14–REG11 — Internal register map position
These four bits show the state of the upper five bits of the base address for the system’s relocatable
register block. BDMINR is a shadow of the INITRG register which maps the register block to any
2K byte space within the first 32K bytes of the 64K byte address space.
Register address $FF06
7
6
5
4
3
2
1
0
R
CCR7
CCR6
CCR5
CCR4
CCR3
CCR2
CCR1
CCR0
W
Reset:
0
0
0
0
0
0
0
0
Register address $FF07
7
6
5
4
3
2
1
0
R
0
REG14
REG13
REG12
REG11
0
0
0
W
Reset:
0
0
0
0
0
0
0
0
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com