Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 22 Page - Motorola, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button HCS12 Datasheet HTML 18Page - Motorola, Inc HCS12 Datasheet HTML 19Page - Motorola, Inc HCS12 Datasheet HTML 20Page - Motorola, Inc HCS12 Datasheet HTML 21Page - Motorola, Inc HCS12 Datasheet HTML 22Page - Motorola, Inc HCS12 Datasheet HTML 23Page - Motorola, Inc HCS12 Datasheet HTML 24Page - Motorola, Inc HCS12 Datasheet HTML 25Page - Motorola, Inc HCS12 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Block Guide — S12BDM V4
22
Figure 4-1 represents the BDM command structure. The command blocks illustrate a series of eight bit
times starting with a falling edge. The bar across the top of the blocks indicates that the BKGD line idles
in the high state. The time for an 8-bit command is 8
× 16 target clock cycles.(1)
Figure 4-1 BDM Command Structure
4.6 BDM Serial Interface
The BDM communicates with external devices serially via the BKGD pin. During reset, this pin is a mode
select input which selects between normal and special modes of operation. After reset, this pin becomes
the dedicated serial interface pin for the BDM.
The BDM serial interface is timed using the clock selected by the CLKSW bit in the status register see
3.1 BDM Status Register. This clock will be referred to as the target clock in the following explanation.
The BDM serial interface uses a clocking scheme in which the external host generates a falling edge on
the BKGD pin to indicate the start of each bit time. This falling edge is sent for every bit whether data is
transmitted or received. Data is transferred most significant bit (MSB) first at 16 target clock cycles per
bit. The interface times out if 512 clock cycles occur between falling edges from the host.
The BKGD pin is a pseudo open-drain pin and has an weak on-chip active pull-up that is enabled at all
times. It is assumed that there is an external pull-up and that drivers connected to BKGD do not typically
drive the high level. Since R-C rise time could be unacceptably long, the target system and host provide
NOTES:
1. Target clock cycles are cycles measured using the target MCU’s serial clock rate. See 4.6 BDM Serial Interface and
3.1 BDM Status Register for information on how serial clock rate is selected.
HARDWARE
HARDWARE
FIRMWARE
FIRMWARE
GO,
44-BC
BC = BUS CLOCK CYCLES
COMMAND
ADDRESS
150-BC
DELAY
NEXT
DELAY
8 BITS
AT
∼16 TC/BIT
16 BITS
AT
∼16 TC/BIT
16 BITS
AT
∼16 TC/BIT
COMMAND
ADDRESS
DATA
NEXT
DATA
READ
WRITE
READ
WRITE
TRACE
COMMAND
NEXT
COMMAND
DATA
64-BC
DELAY
NEXT
COMMAND
150-BC
DELAY
32-BC
DELAY
COMMAND
COMMAND
COMMAND
COMMAND
DATA
NEXT
COMMAND
TC = TARGET CLOCK CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com