Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 70Page - ATMEL Corporation AT90USB162 Datasheet HTML 71Page - ATMEL Corporation AT90USB162 Datasheet HTML 72Page - ATMEL Corporation AT90USB162 Datasheet HTML 73Page - ATMEL Corporation AT90USB162 Datasheet HTML 74Page - ATMEL Corporation AT90USB162 Datasheet HTML 75Page - ATMEL Corporation AT90USB162 Datasheet HTML 76Page - ATMEL Corporation AT90USB162 Datasheet HTML 77Page - ATMEL Corporation AT90USB162 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 306 page
background image
74
7707E–AVR–11/08
AT90USB82/162
• Bit 4 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). See “Con-
figuring the Pin” on page 68 for more details about this feature.
11.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 11-3.
The alternate pin configuration is as follows:
• OC0A/OC1C/PCINT7, Bit 7
OC0A, Output Compare Match A output: The PB7 pin can serve as an external output for the
Timer/Counter0 Output Compare. The pin has to be configured as an output (DDB7 set “one”) to
serve this function. The OC0A pin is also the output pin for the PWM mode timer function.
OC1C, Output Compare Match C output: The PB7 pin can serve as an external output for the
Timer/Counter1 Output Compare C. The pin has to be configured as an output (DDB7 set “one”)
to serve this function. The OC1C pin is also the output pin for the PWM mode timer function.
PCINT7, Pin Change Interrupt source 7: The PB7 pin can serve as an external interrupt source.
• PCINT6, Bit 6
PCINT6, Pin Change Interrupt source 6: The PB6 pin can serve as an external interrupt source.
• PCINT5, Bit 5
PCINT5, Pin Change Interrupt source 5: The PB5 pin can serve as an external interrupt source.
•T1/PCINT4, Bit 4
T1, Timer/Counter1 counter source.
PCINT4, Pin Change Interrupt source 4: The PB4 pin can serve as an external interrupt source.
• PDO/MISO/PCINT3 – Port B, Bit 3
Read/Write
R/W
R
R
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 11-3.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
OC0A/OC1C/PCINT7 (Output Compare and PWM Output A for Timer/Counter0, Output
Compare and PWM Output C for Timer/Counter1 or Pin Change Interrupt 7)
PB6
PCINT6 (Pin Change Interrupt 6)
PB5
PCINT5 (Pin Change Interrupt 5)
PB4
T1/PCINT4 (Timer/Counter1 Clock Input or Pin Change Interrupt 4)
PB3
PDO/MISO/PCINT3 (Programming Data Output or SPI Bus Master Input/Slave Output or
Pin Change Interrupt 3)
PB2
PDI/MOSI/PCINT2 (Programming Data Input or SPI Bus Master Output/Slave Input or Pin
Change Interrupt 2)
PB1
SCLK/PCINT1 (SPI Bus Serial Clock or Pin Change Interrupt 1)
PB0
SS/PCINT0 (SPI Slave Select input or Pin Change Interrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com