Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 25Page - ATMEL Corporation AT90USB162 Datasheet HTML 26Page - ATMEL Corporation AT90USB162 Datasheet HTML 27Page - ATMEL Corporation AT90USB162 Datasheet HTML 28Page - ATMEL Corporation AT90USB162 Datasheet HTML 29Page - ATMEL Corporation AT90USB162 Datasheet HTML 30Page - ATMEL Corporation AT90USB162 Datasheet HTML 31Page - ATMEL Corporation AT90USB162 Datasheet HTML 32Page - ATMEL Corporation AT90USB162 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 306 page
background image
29
7707E–AVR–11/08
AT90USB82/162
6.2.5
Clock Status Register – CLKSTA
• Bit 7-2 - Reserved bits
These bits are reserved and will always read as zero.
• Bit 1 – RCON: RC Oscillator On
This bit is set by hardware to one if the RC Oscillator is running.
This bit is set by hardware to zero if the RC Oscillator is stoped.
• Bit 0 – EXTON: External Oscillator / Low Power Oscillator On
This bit is set by hardware to one if the External Oscillator / Low Power Oscillator is running.
This bit is set by hardware to zero if the External Oscillator / Low Power Oscillator is stoped.
6.3
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as shown
below. The clock from the selected source is input to the AVR clock generator, and routed to the
appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
6.3.1
Default Clock Source
The device is shipped with low power crystal oscillator and with the fuse CKDIV8 programmed.
The startup time is set to maximum and time-out period enabled. (CKSEL = "1110", SUT = "01",
CKDIV8 = "0").
6.3.2
Clock Startup Sequence
Any clock source needs a sufficient VCC to start oscillating and a minimum number of oscillating
cycles before it can be considered stable.
To ensure sufficient VCC, the device issues an internal reset with a time-out delay (tTOUT) after
the device reset is released by all other reset sources. “On-chip Debug System” on page 45
describes the start conditions for the internal reset. The delay (tTOUT) is timed from the Watchdog
Oscillator and the number of cycles in the delay is set by the SUTx and CKSELx fuse bits. The
selectable delays are shown in Table 6-2. The frequency of the Watchdog Oscillator is voltage
Bit
7
654
3
2
1
0
-
-
-
-
-
-
RCON
EXTON
CLKSTA
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
See Bit Description
Table 6-1.
Device Clocking Options Select(1)
Device Clocking Option
CKSEL3..0
Low Power Crystal Oscillator
1111 - 1000
Reserved
0111 - 0110
Reserved
0101 - 0100
Reserved
0011
Calibrated Internal RC Oscillator
0010
External Clock
0000
Reserved
0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com