Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 82Page - ATMEL Corporation AT90USB162 Datasheet HTML 83Page - ATMEL Corporation AT90USB162 Datasheet HTML 84Page - ATMEL Corporation AT90USB162 Datasheet HTML 85Page - ATMEL Corporation AT90USB162 Datasheet HTML 86Page - ATMEL Corporation AT90USB162 Datasheet HTML 87Page - ATMEL Corporation AT90USB162 Datasheet HTML 88Page - ATMEL Corporation AT90USB162 Datasheet HTML 89Page - ATMEL Corporation AT90USB162 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 306 page
background image
86
7707E–AVR–11/08
AT90USB82/162
12.0.3
External Interrupt Mask Register – EIMSK
• Bits 7..0 – INT7 – INT0: External Interrupt Request 7 - 0 Enable
When an INT7 – INT0 bit is written to one and the I-bit in the Status Register (SREG) is set
(one), the corresponding external pin interrupt is enabled. The Interrupt Sense Control bits in the
External Interrupt Control Registers – EICRA and EICRB – defines whether the external inter-
rupt is activated on rising or falling edge or level sensed. Activity on any of these pins will trigger
an interrupt request even if the pin is enabled as an output. This provides a way of generating a
software interrupt.
12.0.4
External Interrupt Flag Register – EIFR
• Bits 7..0 – INTF7 - INTF0: External Interrupt Flags 7 - 0
When an edge or logic change on the INT7:0 pin triggers an interrupt request, INTF7:0 becomes
set (one). If the I-bit in SREG and the corresponding interrupt enable bit, INT7:0 in EIMSK, are
set (one), the MCU will jump to the interrupt vector. The flag is cleared when the interrupt routine
is executed. Alternatively, the flag can be cleared by writing a logical one to it. These flags are
always cleared when INT7:0 are configured as level interrupt. Note that when entering sleep
mode with the INT3:0 interrupts disabled, the input buffers on these pins will be disabled. This
may cause a logic change in internal signals which will set the INTF3:0 flags. See “Digital Input
Enable and Sleep Modes” on page 71 for more information.
12.0.5
Pin Change Interrupt Control Register - PCICR
• Bit 1..0 – PCIE1- PCIE0: Pin Change Interrupt Enable 1-0
When the PCIE1/0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one),
Pin Change interrupt 1/0 is enabled. Any change on any enabled PCINT12..8/7..0 pin will
cause an interrupt. The corresponding interrupt of Pin Change Interrupt Request is exe-
cuted from the PCI1/0 Interrupt Vector. PCINT12..8/7..0 pins are enabled individually by the
PCMSK1/0 Register.
12.0.6
Pin Change Interrupt Flag Register – PCIFR
• Bit 1..0 – PCIF1- PCIF0: Pin Change Interrupt Flag 1-0
Bit
7
65
43
21
0
INT7
INT6
INT5
INT4
INT3
INT2
INT1
IINT0
EIMSK
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
INTF7
INTF6
INTF5
INTF4
INTF3
INTF2
INTF1
INTF0
EIFR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765432
10
-
-
–
–
–
–
PCIE1
PCIE0
PCICR
Read/Write
RRRRRR
R/W
R/W
Initial Value
000000
00
Bit
765432
10
-
-
–
–
–
–PCIF1
PCIF0
PCIFR
Read/Write
RRRRRR
R/W
R/W
Initial Value
000000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com