Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 47Page - ATMEL Corporation AT90USB162 Datasheet HTML 48Page - ATMEL Corporation AT90USB162 Datasheet HTML 49Page - ATMEL Corporation AT90USB162 Datasheet HTML 50Page - ATMEL Corporation AT90USB162 Datasheet HTML 51Page - ATMEL Corporation AT90USB162 Datasheet HTML 52Page - ATMEL Corporation AT90USB162 Datasheet HTML 53Page - ATMEL Corporation AT90USB162 Datasheet HTML 54Page - ATMEL Corporation AT90USB162 Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 306 page
background image
51
7707E–AVR–11/08
AT90USB82/162
Figure 9-7.
USB Reset During Operation
9.7.1
MCU Status Register –MCUSR
The MCU Status Register provides information on which reset source caused an MCU reset.
• Bit 7-6 – Res: Reserved Bit
These bits are reserved and will always read as zero.
• Bit 5 – USBRF: USB Reset Flag
This bit is set if a USB Reset occurs. The bit is reset by a Power-on Reset, or by writing a logic
zero to the flag.
• Bit 4– Res: Reserved Bit
This bit is reserved.
• Bit 3 – WDRF: Watchdog Reset Flag
This bit is set if a Watchdog Reset occurs. The bit is reset by a Power-on Reset, or by writing a
logic zero to the flag.
• Bit 2 – BORF: Brown-out Reset Flag
This bit is set if a Brown-out Reset occurs. The bit is reset by a Power-on Reset, or by writing a
logic zero to the flag.
• Bit 1 – EXTRF: External Reset Flag
This bit is set if an External Reset occurs. The bit is reset by a Power-on Reset, or by writing a
logic zero to the flag.
• Bit 0 – PORF: Power-on Reset Flag
This bit is set if a Power-on Reset occurs. The bit is reset only by writing a logic zero to the flag.
To make use of the Reset Flags to identify a reset condition, the user should read and then
Reset the MCUSR as early as possible in the program. If the register is cleared before another
reset occurs, the source of the reset can be found by examining the Reset Flags.
CC
USB Traffic
USB Traffic
DP
DM
tUSBRSTMIN
End of Reset
Bit
76
5432
10
–
–
USBRF
–
WDRF
BORF
EXTRF
PORF
MCUSR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
See Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com