Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 12Page - ATMEL Corporation AT90USB162 Datasheet HTML 13Page - ATMEL Corporation AT90USB162 Datasheet HTML 14Page - ATMEL Corporation AT90USB162 Datasheet HTML 15Page - ATMEL Corporation AT90USB162 Datasheet HTML 16Page - ATMEL Corporation AT90USB162 Datasheet HTML 17Page - ATMEL Corporation AT90USB162 Datasheet HTML 18Page - ATMEL Corporation AT90USB162 Datasheet HTML 19Page - ATMEL Corporation AT90USB162 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 306 page
background image
16
7707E–AVR–11/08
AT90USB82/162
5. AVR AT90USB82/162 Memories
This section describes the different memories in the AT90USB82/162. The AVR architecture has
two main memory spaces, the Data Memory and the Program Memory space. In addition, the
AT90USB82/162 features an EEPROM Memory for data storage. All three memory spaces are
linear and regular.
5.1
In-System Reprogrammable Flash Program Memory
The AT90USB82/162 contains 8K / 16K bytes On-chip In-System Reprogrammable Flash mem-
ory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized
as 4K x 16, 8K x 16. For software security, the Flash Program memory space is divided into two
sections, Boot Program section and Application Program section.
The Flash memory has an endurance of at least 100,000 write/erase cycles. The
AT90USB82/162 Program Counter (PC) is 16 bits wide, thus addressing the 8K / 16K program
memory locations. The operation of Boot Program section and associated Boot Lock bits for
software protection are described in detail in “Memory Programming” on page 243. “Memory
Programming” on page 243 contains a detailed description on Flash data serial downloading
using the SPI pins or the debugWIRE interface.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description and ELPM - Extended Load Program Memory
instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com