Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 48Page - ATMEL Corporation AT90USB162 Datasheet HTML 49Page - ATMEL Corporation AT90USB162 Datasheet HTML 50Page - ATMEL Corporation AT90USB162 Datasheet HTML 51Page - ATMEL Corporation AT90USB162 Datasheet HTML 52Page - ATMEL Corporation AT90USB162 Datasheet HTML 53Page - ATMEL Corporation AT90USB162 Datasheet HTML 54Page - ATMEL Corporation AT90USB162 Datasheet HTML 55Page - ATMEL Corporation AT90USB162 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 306 page
background image
52
7707E–AVR–11/08
AT90USB82/162
9.8
Internal Voltage Reference
AT90USB82/162 features an internal bandgap reference. This reference is used for Brown-out
Detection, and it can be used as an input to the Analog Comparator.
9.8.1
Voltage Reference Enable Signals and Start-up Time
The voltage reference has a start-up time that may influence the way it should be used. The
start-up time is given in Table 9-4. To save power, the reference is not always turned on. The
reference is on during the following situations:
1. When the BOD is enabled (by programming the BODLEVEL [2..0] Fuse).
2. When the bandgap reference is connected to the Analog Comparator (by setting the
ACBG bit in ACSR).
Thus, when the BOD is not enabled, after setting the ACBG bit, the user must always allow the
reference to start up before the output from the Analog Comparator is used. To reduce power
consumption in Power-down mode, the user can avoid the three conditions above to ensure that
the reference is turned off before entering Power-down mode
.
9.9
Watchdog Timer
AT90USB82/162 has an Enhanced Watchdog Timer (WDT). The main features are:
• Clocked from separate On-chip Oscillator
• 3 Operating modes
– Interrupt
– System Reset
– Interrupt and System Reset
Table 9-4.
Internal Voltage Reference Characteristics
Symbol Parameter
Condition
Min
Typ
Max
Units
VBG
Bandgap reference voltage
VCC = 2.7V - 5.5V
1.0
1.1
1.2
V
tBG
Bandgap reference start-up time
-
40
70
µs
IBG
Bandgap reference current
consumption
-10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com