Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 73Page - ATMEL Corporation AT90USB162 Datasheet HTML 74Page - ATMEL Corporation AT90USB162 Datasheet HTML 75Page - ATMEL Corporation AT90USB162 Datasheet HTML 76Page - ATMEL Corporation AT90USB162 Datasheet HTML 77Page - ATMEL Corporation AT90USB162 Datasheet HTML 78Page - ATMEL Corporation AT90USB162 Datasheet HTML 79Page - ATMEL Corporation AT90USB162 Datasheet HTML 80Page - ATMEL Corporation AT90USB162 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 306 page
background image
77
7707E–AVR–11/08
AT90USB82/162
The alternate pin configuration is as follows:
• ICP1/INT4/CLK0, Bit 7
ICP1, Input Capture pin 1 :The PC7 pin can act as an input capture for Timer/Counter1.
INT4, External Interrupt source 4 : The PC7 pin can serve as an external interrupt source to the
MCU.
CLK0, Clock Output : The PC7 pin can serve as oscillator clock ouput if the feature is enabled by
fuse.
• PCINT8/OC1A, Bit 6
PCINT8, Pin Change Interrupt source 8 : The PC6 pin can serve as an external interrupt source.
OC1A, Output Compare Match A output: The PC6 pin can serve as an external output for the
Timer/Counter1 Output Compare. The pin has to be configured as an output (DDC6 set “one”) to
serve this function. The OC1A pin is also the output pin for the PWM mode timer function.
• PCINT9/OC1B, Bit 5
PCINT9, Pin Change Interrupt source 9: The PC5 pin can serve as an external interrupt source.
OC1B, Output Compare Match B output: The PC5 pin can serve as an external output for the
Timer/Counter1 Output Compare. The pin has to be configured as an output (DDC5 set “one”) to
serve this function. The OC1B pin is also the output pin for the PWM mode timer function.
• PCINT10, Bit 4
PCINT10, Pin Change Interrupt source 10 : The PC4 pin can serve as an external interrupt
source.
• PCINT11, Bit 2
PCINT11, Pin Change Interrupt source 11 : The PC2 pin can serve as an external interrupt
source.
• Reset/dW, Bit 1
Reset, Reset input. External Reset input is active low and enabled by unprogramming ("1") the
RSTDISBL Fuse. Pullup is activated and output driver and digital input are deactivated when the
pin is used as the RESET pin.
Table 11-6.
Port C Pins Alternate Functions
Port Pin
Alternate Function
PC7
ICP1/INT4/CLKO
PC6
PCINT8/OC1A
PC5
PCINT9/OC1B
PC4
PCINT10
--
PC2
PCINT11
PC1
Reset, dW
PC0
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com