Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 39Page - ATMEL Corporation AT90USB162 Datasheet HTML 40Page - ATMEL Corporation AT90USB162 Datasheet HTML 41Page - ATMEL Corporation AT90USB162 Datasheet HTML 42Page - ATMEL Corporation AT90USB162 Datasheet HTML 43Page - ATMEL Corporation AT90USB162 Datasheet HTML 44Page - ATMEL Corporation AT90USB162 Datasheet HTML 45Page - ATMEL Corporation AT90USB162 Datasheet HTML 46Page - ATMEL Corporation AT90USB162 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 306 page
background image
43
7707E–AVR–11/08
AT90USB82/162
Mode is equivalent to Standy Mode, but is also conserved for compatibility purpose. From
Extended Standby mode, the device wakes up in six clock cycle.
Notes: 1. Only recommended with external crystal or resonator selected as clock source.
Notes: 1. For INT7:4, only level interrupt.
Notes: 1. Asynchronous USB interrupt is WAKEUPI only.
8.6
Power Reduction Register
The Power Reduction Register, PRR, provides a method to stop the clock to individual peripher-
als to reduce power consumption. The current state of the peripheral is frozen and the I/O
registers can not be read or written. Resources used by the peripheral when stopping the clock
will remain occupied, hence the peripheral should in most cases be disabled before stopping the
clock. Waking up a module, which is done by clearing the bit in PRR, puts the module in the
same state as before shutdown.
Module shutdown can be used in Idle mode and Active mode to significantly reduce the overall
power consumption.
8.6.1
Power Reduction Register 0 - PRR0
• Bit 7-6 - Reserved bits
These bits are reserved and will always read as zero.
• Bit 5 - PRTIM0: Power Reduction Timer/Counter0
Writing a logic one to this bit shuts down the Timer/Counter0 module. When the Timer/Counter0
is enabled, operation will continue like before the shutdown.
Table 8-2.
Active Clock Domains and Wake-up Sources in the Different Sleep Modes.
Active Clock
Domains
Oscillators
Wake-up Sources
Sleep Mode
Idle
X
X
XX
XX
X
X
Power-down
X(1)
XX
Power-save
X(1)
XX
Standby(1)
XX(1)
XX
Extended
Standby
XX(1)
XX
Bit
7
65
4
3
21
0
-
-
PRTIM0
–
PRTIM1
PRSPI
-
-
PRR0
Read/Write
R/W
R/W
R/W
R
R/W
R/W
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com