Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 74Page - ATMEL Corporation AT90USB162 Datasheet HTML 75Page - ATMEL Corporation AT90USB162 Datasheet HTML 76Page - ATMEL Corporation AT90USB162 Datasheet HTML 77Page - ATMEL Corporation AT90USB162 Datasheet HTML 78Page - ATMEL Corporation AT90USB162 Datasheet HTML 79Page - ATMEL Corporation AT90USB162 Datasheet HTML 80Page - ATMEL Corporation AT90USB162 Datasheet HTML 81Page - ATMEL Corporation AT90USB162 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 306 page
background image
78
7707E–AVR–11/08
AT90USB82/162
dW, debugWire channel. When the debugWIRE Enable (DWEN) Fuse is programmed and Lock
bits are unprogrammed, the debugWIRE system within the target device is activated. The
RESET port pin is configured as a wired -AND (open-drain) bi-directional I/O pin with pull-up
enabled and becomes the communication gateway between the target and the emulator.
•XTAL2, Bit 0
XTAL2, Oscillator. The PC0 pin can serve as Inverting Output for internal Oscillator amplifier.
Table 11-7 and Table 11-8 relate the alternate functions of Port C to the overriding signals
shown in Figure 11-5 on page 72.
Table 11-7.
Overriding Signals for Alternate Functions in PC7..PC4
Signal
Name
PC7/ICP1/INT4/CLK0
PC6/PCINT8/OC1
A
PC5/PCINT9/OC1
B
PC4/PCINT10
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
OC1A ENABLE
OC1B ENABLE
0
PVOV
0
OC1A
OC1B
0
DIEOE
INT4 ENABLE
PCINT8 ENABLE
PCINT9 ENABLE
PCINT10 ENABLE
DIEOV
1
1
1
1
DI
INT4 INPUT
PCINT8 INPUT
PCINT9 INPUT
PCINT10 INPUT
AIO
–
–
–
–
Table 11-8.
Overriding Signals for Alternate Functions in PC2..PC0
Signal
Name
PC2/PCINT11
PC1/RESET/dW
PC0/XTAL2
PUOE
0
0
0
PUOV
0
0
0
DDOE
0
0
0
DDOV
0
0
0
PVOE
0
0
0
PVOV
0
0
0
DIEOE
PCINT11 ENABLE
0
0
DIEOV
1
0
0
DI
PCINT11 INPUT
–
–
AIO
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com