Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 198 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 198 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 194Page - ATMEL Corporation AT90USB162 Datasheet HTML 195Page - ATMEL Corporation AT90USB162 Datasheet HTML 196Page - ATMEL Corporation AT90USB162 Datasheet HTML 197Page - ATMEL Corporation AT90USB162 Datasheet HTML 198Page - ATMEL Corporation AT90USB162 Datasheet HTML 199Page - ATMEL Corporation AT90USB162 Datasheet HTML 200Page - ATMEL Corporation AT90USB162 Datasheet HTML 201Page - ATMEL Corporation AT90USB162 Datasheet HTML 202Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 306 page
background image
198
7707E–AVR–11/08
AT90USB82/162
Figure 20-2. Endpoint activation flow:
As long as the endpoint is not correctly configured (CFGOK cleared), the hardware does not
acknowledge the packets sent by the host.
CFGOK will not be set if the Endpoint size parameter is bigger than the DPRAM size.
A clear of EPEN acts as an endpoint reset (see Section 20.3, page 196 for more details). It also
performs the next operation:
• The configuration of the endpoint is kept (EPSIZE, EPBK, ALLOC kept)
• It resets the data toggle field.
• The DPRAM memory associated to the endpoint is still reserved.
See Section 19.6, page 190 for more details about the memory allocation/reorganization.
20.7 Address Setup
The USB device address is set up according to the USB protocol:
• the USB device, after power-up, responds at address 0
• the host sends a
SETUP command (SET_ADDRESS(addr)),
• the firmware records that address in UADD, but keep ADDEN cleared,
• the USB device sends an
IN command of 0 bytes (IN 0 Zero Length Packet) to acknowledge
the transaction,
• then, the firmware may enable the USB device address by setting ADDEN. The only
accepted address by the controller is the one stored in UADD.
ADDEN and UADD shall not be written at the same time.
UADD contains the default address 00h after a power-up or an USB reset.
Endpoint
Activation
CFGOK=1
ERROR
No
Yes
Endpoint activated
Activate the endpoint
Select the endpoint
EPEN=1
UENUM
EPNUM=x
Test the correct endpoint
configuration
UECFG1X
ALLOC
EPSIZE
EPBK
Configure:
- the endpoint size
- the bank parametrization
Allocation and reorganization of
the memory is made on-the-fly
UECFG0X
EPDIR
EPTYPE
...
Configure:
- the endpoint direction
- the endpoint type
- the Not Yet Disable feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com