Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 230 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 230 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 226Page - ATMEL Corporation AT90USB162 Datasheet HTML 227Page - ATMEL Corporation AT90USB162 Datasheet HTML 228Page - ATMEL Corporation AT90USB162 Datasheet HTML 229Page - ATMEL Corporation AT90USB162 Datasheet HTML 230Page - ATMEL Corporation AT90USB162 Datasheet HTML 231Page - ATMEL Corporation AT90USB162 Datasheet HTML 232Page - ATMEL Corporation AT90USB162 Datasheet HTML 233Page - ATMEL Corporation AT90USB162 Datasheet HTML 234Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 306 page
background image
230
7707E–AVR–11/08
AT90USB82/162
is programmed, the Reset Vector will always point to the Boot Loader Reset and the fuse can
only be changed through the serial or parallel programming interface.
Note:
1. “1” means unprogrammed, “0” means programmed
23.5.3
External Hardware conditions
The Hardware Boot Enable Fuse (HWBE) can be programmed (See Table 23-5) so that upon
special hardware conditions under reset, the bootloader execution is forced after reset.
Note:
1. “1” means unprogrammed, “0” means programmed
When the HWBE fuse is enable the PD7/HWB pin is configured as input during reset and sam-
pled during reset rising edge. When PD7/HWB pin is ‘0’ during reset rising edge, the reset vector
will be set as the Boot Loader Reset address and the Boot Loader will be executed (See Figures
23-3).
Table 23-4.
Boot Reset Fuse(1)
BOOTRST
Reset Address
1
Reset Vector = Application Reset (address 0x0000)
0
Reset Vector = Boot Loader Reset (see Table 23-8 on page 239)
Table 23-5.
Hardware Boot Enable Fuse(1)
HWBE
Reset Address
1PD7/HWB pin can not be used to force Boot Loader execution after reset
0PD7/HWB pin is used during reset to force bootloader execution after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com