Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 244 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 244 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 240Page - ATMEL Corporation AT90USB162 Datasheet HTML 241Page - ATMEL Corporation AT90USB162 Datasheet HTML 242Page - ATMEL Corporation AT90USB162 Datasheet HTML 243Page - ATMEL Corporation AT90USB162 Datasheet HTML 244Page - ATMEL Corporation AT90USB162 Datasheet HTML 245Page - ATMEL Corporation AT90USB162 Datasheet HTML 246Page - ATMEL Corporation AT90USB162 Datasheet HTML 247Page - ATMEL Corporation AT90USB162 Datasheet HTML 248Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 306 page
background image
244
7707E–AVR–11/08
AT90USB82/162
Notes: 1. Program the Fuse bits and Boot Lock bits before programming the LB1 and LB2.
2. “1” means unprogrammed, “0” means programmed
25.2 Fuse Bits
The AT90USB82/162 has four Fuse bytes. Table 25-3 - Table 25-5 describe briefly the function-
ality of all the fuses and how they are mapped into the Fuse bytes. Note that the fuses are read
as logical zero, “0”, if they are programmed.
Note:
1. See Table 9-2 on page 49 for BODLEVEL Fuse decoding.
BLB1 Mode
BLB12
BLB11
11
1
No restrictions for SPM or (E)LPM accessing the Boot Loader
section.
2
1
0
SPM is not allowed to write to the Boot Loader section.
30
0
SPM is not allowed to write to the Boot Loader section, and
(E)LPM executing from the Application section is not allowed to
read from the Boot Loader section. If Interrupt Vectors are
placed in the Application section, interrupts are disabled while
executing from the Boot Loader section.
40
1
(E)LPM executing from the Application section is not allowed to
read from the Boot Loader section. If Interrupt Vectors are
placed in the Application section, interrupts are disabled while
executing from the Boot Loader section.
Table 25-2.
Lock Bit Protection Modes(1)(2) (Continued)
Memory Lock Bits
Protection Type
Table 25-3.
Extended Fuse Byte
Fuse Low Byte
Bit No
Description
Default Value : 0xF4
–7
–
1
–6
–
1
–5
–
1
–4
–
1
HWBE
3
Hardware Boot Enable
0 (programmed)
BODLEVEL2(1)
2
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL1(1)
1
Brown-out Detector trigger level
0 (programmed)
BODLEVEL0(1)
0
Brown-out Detector trigger level
0 (programmed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com