Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 276 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 276 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 272Page - ATMEL Corporation AT90USB162 Datasheet HTML 273Page - ATMEL Corporation AT90USB162 Datasheet HTML 274Page - ATMEL Corporation AT90USB162 Datasheet HTML 275Page - ATMEL Corporation AT90USB162 Datasheet HTML 276Page - ATMEL Corporation AT90USB162 Datasheet HTML 277Page - ATMEL Corporation AT90USB162 Datasheet HTML 278Page - ATMEL Corporation AT90USB162 Datasheet HTML 279Page - ATMEL Corporation AT90USB162 Datasheet HTML 280Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 306 page
background image
276
7707E–AVR–11/08
AT90USB82/162
Figure 27-13. Power-down Supply Current vs. Vcc, with BOD Enabled, Watchdog Disabled
Figure 27-14. Power-down Supply Current vs. Vcc, with BOD Enabled, WDT Enabled, Regula-
tor Disabled
0
10
20
30
40
50
60
70
3
3.5
4
4.5
5
5.5
V
CC (V)
85°C
25°C
0
10
20
30
40
50
60
70
33.5
44.5
55.5
VCC (V)
WATCHDOG TIMER ENABLED, BODEN
0
10
20
30
40
50
60
70
80
90
100
3
3.5
4
4.5
5
5.5
6
V
CC (V)
85
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com