Electronic Components Datasheet Search
  English  ▼

X  

DSP56303 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
DSP56303 Technical Data, Rev. 11
2-2
Freescale Semiconductor
Specifications
2.3 Thermal Characteristics
2.4 DC Electrical Characteristics
Table 2-2.
Thermal Characteristics
Characteristic
Symbol
TQFP Value
MAP-BGA3
Value
MAP-BGA4
Value
Unit
Junction-to-ambient thermal resistance1
RθJA or θJA
56
57
28
°C/W
Junction-to-case thermal resistance2
RθJC or θJC
11
15
—
°C/W
Thermal characterization parameter
ΨJT
78
—
°C/W
Notes:
1.
Junction-to-ambient thermal resistance is based on measurements on a horizontal single-sided printed circuit board per
JEDEC Specification JESD51-3.
2.
Junction-to-case thermal resistance is based on measurements using a cold plate per SEMI G30-88, with the exception that
the cold plate temperature is used for the case temperature.
3.
These are simulated values. See note 1 for test board conditions.
4.
These are simulated values. The test board has two 2-ounce signal layers and two 1-ounce solid ground planes internal to the
test board.
Table 2-3.
DC Electrical Characteristics6
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
3.0
3.3
3.6
V
Input high voltage
•
D[0–23], BG, BB, TA
•MOD1/IRQ1, RESET, PINIT/NMI and all
JTAG/ESSI/SCI/Timer/HI08 pins
•EXTAL
8
VIH
VIHP
VIHX
2.0
2.0
0.8
× VCC
—
—
—
VCC
5.25
VCC
V
V
V
Input low voltage
•
D[0–23], BG, BB, TA, MOD
1/IRQ1, RESET, PINIT
•
All JTAG/ESSI/SCI/Timer/HI08 pins
•EXTAL8
VIL
VILP
VILX
–0.3
–0.3
–0.3
—
—
—
0.8
0.8
0.2
× VCC
V
V
V
Input leakage current
IIN
–10
—
10
µA
High impedance (off-state) input current (@ 2.4 V / 0.4 V)
ITSI
–10
—
10
µA
Output high voltage
•TTL (IOH = –0.4 mA)
5,7
•CMOS (IOH = –10 µA)
5
VOH
2.4
VCC – 0.01
—
—
—
—
V
V
Output low voltage
•TTL (IOL = 1.6 mA, open-drain pins IOL = 6.7 mA)
5,7
•CMOS (IOL = 10 µA)
5
VOL
—
—
—
—
0.4
0.01
V
V
Internal supply current2:
•
In Normal mode
•In Wait mode
3
•
In Stop mode4
ICCI
ICCW
ICCS
—
—
—
127
7.5
100
—
—
—
mA
mA
µA
PLL supply current
—1
2.5
mA
Input capacitance5
CIN
—
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com