Electronic Components Datasheet Search
  English  ▼

X  

DSP56303 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
DSP56303 Technical Data, Rev. 11
2-26
Freescale Semiconductor
Specifications
2.5.5.4 Arbitration Timings
Table 2-14.
Arbitration Bus Timings1
No.
Characteristics
Expression2
100 MHz
Unit
Min
Max
212
CLKOUT high to BR assertion/deassertion3
0.0
4.0
ns
213
BG asserted/deasserted to CLKOUT high (setup)
4.0
—
ns
214
CLKOUT high to BG deasserted/asserted (hold)
0.0
—
ns
215
BB deassertion to CLKOUT high (input set-up)
4.0
—
ns
216
CLKOUT high to BB assertion (input hold)
0.0
—
ns
217
CLKOUT high to BB assertion (output)
0.0
4.0
ns
218
CLKOUT high to BB deassertion (output)
0.0
4.0
ns
219
BB high to BB high impedance (output)
—
4.5
ns
220
CLKOUT high to address and controls active
0.25
× TC
2.5
—
ns
221
CLKOUT high to address and controls high impedance
0.75
× T
C
—7.5
ns
222
CLKOUT high to AA active
0.25
× TC
2.5
—
ns
223
CLKOUT high to AA deassertion
maximum: 0.25
× TC + 4.0
2.0
6.5
ns
224
CLKOUT high to AA high impedance
0.75
× T
C
—7.5
ns
Notes:
1.
Synchronous bus arbitration is not recommended. Use Asynchronous mode whenever possible.
2.
An expression is used to compute the maximum or minimum value listed, as appropriate. For timing 223, the minimum is an
absolute value.
3.
T212 is valid for Address Trace mode when the ATE bit in the Operating Mode Register is set. BR is deasserted for internal
accesses and asserted for external accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com