Electronic Components Datasheet Search
  English  ▼

X  

DSP56303 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
AC Electrical Characteristics
DSP56303 Technical Data, Rev. 11
Freescale Semiconductor
2-15
2.5.5.2 DRAM Timing
The selection guides in Figure 2-14 and Figure 2-17 are for primary selection only. Final selection should be based
on the timing in the following tables. For example, the selection guide suggests that four wait states must be used
for 100 MHz operation with Page Mode DRAM. However, consulting the appropriate table, a designer can evaluate
whether fewer wait states might suffice by determining which timing prevents operation at 100 MHz, running the
chip at a slightly lower frequency (for example, 95 MHz), using faster DRAM (if it becomes available), and
manipulating control factors such as capacitive and resistive load to improve overall system performance.
Figure 2-14.
DRAM Page Mode Wait State Selection Guide
Chip frequency
(MHz)
DRAM type
(tRAC ns)
100
80
70
60
40
66
80
100
1 Wait states
2 Wait states
3 Wait states
4 Wait states
Note:
This figure should be used for primary selection. For exact
and detailed timings, see the following tables.
50
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com