Electronic Components Datasheet Search
  English  ▼

X  

DSP56303 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
DSP56303 Technical Data, Rev. 11
3-2
Freescale Semiconductor
Packaging
3.1 TQFP Package Description
Top and bottom views of the TQFP package are shown in Figure 3-1 and Figure 3-2 with their pin-outs.
Figure 3-1.
DSP56303 Thin Quad Flat Pack (TQFP), Top View
HAD4
VCCH
GNDH
HAD3
HAD2
HAD1
HAD0
RESET
VCCP
PCAP
GNDP
GNDP1
NC
AA3
AA2
CAS
XTAL
GNDQ
EXTAL
VCCQ
VCCC
GNDC
CLKOUT
BCLK
BCLK
TA
BR
BB
VCCC
GNDC
WR
RD
AA1
AA0
BG
A0
D7
D8
VCCD
GNDD
D9
D10
D11
D12
D13
D14
VCCD
GNDD
D15
D16
D17
D18
D19
VCCQ
GNDQ
D20
VCCD
GNDD
D21
D22
D23
TRST
TDO
TDI
TCK
TMS
SC12
SC11
37
109
(Top View)
Orientation Mark
MODD
MODC
MODB
MODA
Notes:
Because of size constraints in this figure, only one name is shown for multiplexed pins. Refer to Table 3-1 and Table
3-2 for detailed information about pin functions and signal names.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com