Electronic Components Datasheet Search
  English  ▼

X  

DSP56303 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
DSP56303 Technical Data, Rev. 11
2-12
Freescale Semiconductor
Specifications
2.5.5
External Memory Expansion Port (Port A)
2.5.5.1 SRAM Timing
Table 2-8.
SRAM Read and Write Accesses
No.
Characteristics
Symbol
Expression1
100 MHz
Unit
Min
Max
100
Address valid and AA assertion pulse width2
tRC, tWC
(WS + 1)
× T
C −4.0
[1
≤WS ≤3]
(WS + 2)
× TC −4.0
[4
≤WS ≤7]
(WS + 3)
× TC −4.0
[WS
≥ 8]
16.0
56.0
106.0
—
—
—
ns
ns
ns
101
Address and AA valid to WR assertion
tAS
0.25
× TC −2.0
[WS = 1]
0.75
× T
C −2.0
[2
≤WS ≤3]
1.25
× TC −2.0
[WS
≥ 4]
0.5
5.5
10.5
—
—
—
ns
ns
ns
102
WR assertion pulse width
tWP
1.5
× TC −4.0
[WS = 1]
WS
× TC −4.0
[2
≤WS ≤3]
(WS
−0.5) × T
C −4.0
[WS
≥ 4]
11.0
16.0
31.0
—
—
—
ns
ns
ns
103
WR deassertion to address not valid
tWR
0.25
× T
C −2.0
[1
≤WS ≤3]
1.25
× TC −4.0
[4
≤WS ≤7]
2.25
× TC −4.0
[WS
≥ 8]
0.5
8.5
18.5
—
—
—
ns
ns
ns
104
Address and AA valid to input data valid
tAA, tAC
(WS + 0.75)
× TC −5.0
[WS
≥ 1]
—12.5
ns
105
RD assertion to input data valid
tOE
(WS + 0.25)
× TC – 5.0
[WS
≥ 1]
—7.5
ns
106
RD deassertion to data not valid (data hold time)
tOHZ
0.0
—
ns
107
Address valid to WR deassertion2
tAW
(WS + 0.75)
× T
C −4.0
[WS
≥ 1]
13.5
—
ns
108
Data valid to WR deassertion (data setup time)
tDS (tDW)(WS −0.25) × TC −3.0
[WS
≥ 1]
4.5
—
ns
109
Data hold time from WR deassertion
tDH
0.25
× T
C −2.0
[1
≤WS ≤3]
1.25
× TC −2.0
[4
≤WS ≤7]
2.25
× TC −2.0
[WS
≥ 8]
0.5
10.5
20.5
—
—
—
ns
ns
ns
110
WR assertion to data active
—
0.75
× TC −3.7
[WS = 1]
0.25
× T
C – 3.7
[2
≤WS ≤3]
–0.25
× TC −3.7
[WS
≥ 4]
3.8
–1.2
–6.2
—
—
—
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com