Electronic Components Datasheet Search
  English  ▼

X  

DSP56303 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
AC Electrical Characteristics
DSP56303 Technical Data, Rev. 11
Freescale Semiconductor
2-43
2.5.10 GPIO Timing
Table 2-20.
GPIO Timing
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
490
CLKOUT edge to GPIO out valid (GPIO out delay time)
—8.5
ns
491
CLKOUT edge to GPIO out not valid (GPIO out hold time)
0.0
—
ns
492
GPIO In valid to CLKOUT edge (GPIO in set-up time)
8.5
—
ns
493
CLKOUT edge to GPIO in not valid (GPIO in hold time)
0.0
—
ns
494
Fetch to CLKOUT edge before GPIO change
Minimum: 6.75
× TC
67.5
—
ns
Note:
VCC = 3.3 V ± 0.3 V; TJ = −40°C to +100 °C, CL = 50 pF
Figure 2-43.
GPIO Timing
Valid
GPIO
(Input)
GPIO
(Output)
CLKOUT
(Output)
Fetch the instruction MOVE X0,X:(R0); X0 contains the new value of GPIO
and R0 contains the address of the GPIO data register.
A[0–17]
490
491
492
494
493



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com