Electronic Components Datasheet Search
  English  ▼

X  

DSP56303 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
TQFP Package Description
DSP56303 Technical Data, Rev. 11
Freescale Semiconductor
3-5
76
A2
99
A17
122
D16
77
A3
100
D0
123
D17
78
A4
101
D1
124
D18
79
A5
102
D2
125
D19
80
VCCA
103
VCCD
126
VCCQ
81
GNDA
104
GNDD
127
GNDQ
82
A6
105
D3
128
D20
83
A7
106
D4
129
VCCD
84
A8
107
D5
130
GNDD
85
A9
108
D6
131
D21
86
VCCA
109
D7
132
D22
87
GNDA
110
D8
133
D23
88
A10
111
VCCD
134
MODD/IRQD
89
A11
112
GNDD
135
MODC/IRQC
90
GNDQ
113
D9
136
MODB/IRQB
91
VCCQ
114
D10
137
MODA/IRQA
92
A12
115
D11
138
TRST
93
A13
116
D12
139
TDO
94
A14
117
D13
140
TDI
95
VCCA
118
D14
141
TCK
96
GNDA
119
VCCD
142
TMS
97
A15
120
GNDD
143
SC12 or PD2
98
A16
121
D15
144
SC11 or PD1
Notes:
Signal names are based on configured functionality. Most pins supply a single signal. Some pins provide a signal with dual
functionality, such as the MODx/IRQx pins that select an operating mode after RESET is deasserted but act as interrupt lines during
operation. Some signals have configurable polarity; these names are shown with and without overbars, such as HAS/HAS. Some
pins have two or more configurable functions; names assigned to these pins indicate the function for a specific configuration. For
example, Pin 34 is data line H7 in non-multiplexed bus mode, data/address line HAD7 in multiplexed bus mode, or GPIO line PB7
when the GPIO function is enabled for this pin.
Table 3-1.
DSP56303 TQFP Signal Identification by Pin Number (Continued)
Pin
No.
Signal Name
Pin
No.
Signal Name
Pin
No.
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com