| Electronic Components Datasheet Search |
|
P5DF081 Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5DF081 Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 36 page ![]() P5DF081_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Objective short data sheet PUBLIC Rev. 1 — 12 August 2010 191710 18 of 36 NXP Semiconductors P5DF081 MIFARE SAM AV2 8.6.4 Public Key Infrastructure (PKI) commands PKI commands are available to generate public key pairs, to import public keys or key pairs, to export public keys or key pairs, to generate and to validate signatures, to compute hashes suitable for signature operations and to manage the symmetric Key Storage Table. PKI commands are only available in AV2 mode. Table 9. Public Key Infrastructure (PKI) commands Command Description PKI_GenerateKeyPair The PKI command PKI_GenerateKeyPair creates a pair of a public and a private key. MIFARE SAM AV2 only supports the CRT format. A successful host authentication in the LC using SAM_AuthenticateHost with a Host Key is required to execute the PKI_GenerateKeyPair command. PKI_ImportKey The PKI command PKI_ImportKey imports an RSA key. This can be either a public key or a full key pair (including a private key). When a change key (see Ref. 1) is specified, a successful host authentication in the LC using SAM_AuthenticateHost with a Host Key is required to execute the PKI_ImportKey command. PKI_ExportPrivateKey The PKI command PKI_ExportPrivateKey exports a full RSA key entry (i.e including the private key if present). The key pair is exported in CRT format. This command is intended for private key backup after having it created with MIFARE SAM AV2. For this reason, this command will only be accepted if the key entry includes a private key and private key export is allowed by the PKI SET configuration of the addressed key. The command is part of the restricted command set and requires protection with a Host Key change key. PKI_ExportPublicKey The PKI command PKI_ExportPublicKey exports the public key part of a RSA key pair. The command is part of the general command set, so its protection depends on the general SAM-Host communication protection. PKI_UpdateKeyEntries The PKI_UpdateKeyEntries command can be used to change key entries of the symmetric key storage (KST). Executing this command does not require any protection coming from the change key of the key entries (e.g. a Host Authentication in case of a Host Key). Instead the command's execution is protected by asymmetric techniques using the PKI support of the SAM. The command is protected by encrypting the key entries using the RSA encryption. On top a digital signature is added using the RSA signature algorithm. This allows offline preparation of the cryptogram. The same hashing algorithm is to be used for both MGFs and for the digital signature handling (as indicated by the P1 byte). PKI_GenerateHash The PKI command PKI_GererateHash computes the hash on a data string. The algorithm to be used to compute the hash is selected through P1. PKI_GenerateSignature The PKI command PKI_GenerateSignature generates a signature on a hash given as input using one of the two private keys stored in the PKI Key Storage Table. PKI_SendSignature The PKI command PKI_SendSignature returns a pre-computed signature. The returned signature is protected according to the SAM-Host protection in place on the corresponding logical channel. PKI_VerifySignature The PKI command PKI_VerifySignature verifies the correctness of a signature. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |