| Electronic Components Datasheet Search |
|
P5DF081 Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5DF081 Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 36 page ![]() P5DF081_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Objective short data sheet PUBLIC Rev. 1 — 12 August 2010 191710 20 of 36 NXP Semiconductors P5DF081 MIFARE SAM AV2 8.6.6 MIFARE Classic in non-X-mode commands The commands in this section can both be used to execute a transaction with a MIFARE Classic card and with a MIFARE Plus card in SL2. In the second case, SAM_AuthenticateMIFARE is to be used after SAM_AuthenticateMFP to complete a MFP SL2 authentication. In both cases, after the authentication, the other SAM_xxxMIFARE commands and the data processing commands SAM_Decipher_Data and SAM_Encipher_Data can be used for further processing. 8.6.7 DESFire and ULC in non-X-mode commands Table 11. MIFARE Classic in non-X-mode commands Command Description SAM_Authenticate MIFARE n this procedure, both the MIFARE card as well as the MIFARE SAM AV2 device show in an encrypted way that they posses the same secret which especially means the same key. SAM_ChangeKey MIFARE AV1 compatibility mode This command is intended to change a key in a MIFARE card. The command offers the possibility to prepare an encrypted stream to be written to a MIFARE 1k or MIFARE 4k card containing the desired keys and the given access conditions on the one hand and reading out a single MIFARE key to be used for any kind of MIFARE transaction in a host system directly on the other hand. In the latter case, the key can be retrieved encrypted from the MIFARE SAM AV2 using the current available session key of the channel (host authentication required). The first case requires an active MIFARE authentication for producing the stream to be sent to the card.AV2 mode (used for key retrieval) In MIFARE SAM AV2 mode, the existing command, SAM_ChangeKeyMIFARE (used for key retrieval), can still be used to retrieve a PICC Key of key type 010, i.e. a MIFARE Classic key. The use of this command to change keys on MIFARE Classic cards is the same as the one described for the AV1 compatibility mode. The only difference with AV1 is that whether the secret key is retrieved in plain or encrypted depends on the SAM-Host protection mode of the logical channel. Table 12. DESFire and ULC in non-X-mode commands Command Description SAM_AuthenticatePICC In this procedure both the PICC as well as the MIFARE SAM AV2 device show in an encrypted way that they posses the same secret which especially means the same key. This procedure not only confirms that both entities are permitted to do operations on each other but also creates a session key which can be used to keep the further communication path secure. As the name ‘session key’ implicitly indicates, each time a new authentication procedure is successfully completed a new key for further cryptographic operations is obtained. SAM_IsoAuthenticatePICC The ISO authentication procedure is intended to authenticate with a card using the standard ISO commands GetChallenge, ExternalAuthenticate and InternalAuthenticate. This authentication procedure can be used to authenticate a DESFire PICC but also another MIFARE SAM AV2. However, the MIFARE SAM AV2 will treat the authentication procedure as a PICC authentication, which means that commands requiring a host authentication will not be available. SAM_ChangeKeyPICC This command generates the cryptogram that has to be sent to the PICC in order to change any key stored in the PICC. Both the current and the new key need to be stored in the KST to execute this command. This means a new PICC key needs to be loaded into the MIFARE SAM AV2, prior to issuing this command. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |