Electronic Components Datasheet Search
  English  ▼

X  

P5DF081 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P5DF081
Description  MIFARE SAM AV2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P5DF081 Datasheet HTML 7Page - NXP Semiconductors P5DF081 Datasheet HTML 8Page - NXP Semiconductors P5DF081 Datasheet HTML 9Page - NXP Semiconductors P5DF081 Datasheet HTML 10Page - NXP Semiconductors P5DF081 Datasheet HTML 11Page - NXP Semiconductors P5DF081 Datasheet HTML 12Page - NXP Semiconductors P5DF081 Datasheet HTML 13Page - NXP Semiconductors P5DF081 Datasheet HTML 14Page - NXP Semiconductors P5DF081 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 12 August 2010
191710
11 of 36
NXP Semiconductors
P5DF081
MIFARE SAM AV2
8.4.5 Key versioning
The MIFARE SAM AV2 reserves three bytes in a key entry to store the version of the three
available keys in the entry. This version byte contains the key version for all kinds of keys
(DES, TDEA, AES and MIFARE). The version information must be included separately in
every key entry of type AES or MIFARE when it is updated by the ChangeKeyEntry
command.
8.4.6 Key usage counters
In order to count and limit the number of authentications a key entry can be used for,
MIFARE SAM AV2 stores a table of 16 key usage counter entries, 00h to 0Fh, which are
automatically incremented each time a defined key entry is used for authentication.
Multiple key entries can use the same counter.
8.4.6.1
Reference number
The property RefNoKUC codes the reference number of the key usage counter.
RefNoKUC is the index of the entry in the table and can have the value 00h to 0Fh,
therefore 16 key usage counters can be stored.
8.4.6.2
Limit
This field stores the current limit for this key usage counter. It is only possible to use a key
that is linked to this counter for authentication if the current value (see below) is smaller
than the current limit. As soon as the current value is equal to, or higher than, the current
limit, the usage of all key entries linked to this counter is prohibited.
8.4.6.3
Key reference number to change the current KUC entry
In order to change the KUC, a successful authentication by the host application of the
MIFARE SAM AV2 is necessary. The KeyNoCKUC defines the reference number of the
KST which is used for this.
8.4.6.4
Key version to change the current KUC entry
The 1-byte field holds the key version within the key entry specified to change the KUC
entry. The key version has to be in the range of 00h to FFh. The MIFARE SAM AV2 will
automatically select the appropriate key from one of three positions in the entry that has
the specified version number.
8.4.6.5
Current value
The CurVal field stores the current value of this key usage counter. It is possible to use all
keys referring to this counter for authentication only if the current value is smaller than the
current limit.
8.5 SAM - Host communication
8.5.1 General principles for SAM-Host protection
MIFARE SAM AV2 supports two different modes: AV1 compatibility mode and MIFARE
SAM AV2 mode. A MIFARE SAM AV2 is initially in MIFARE SAM AV1 compatibility mode.
It can be switched to the MIFARE SAM AV2 by executing a host authentication with the
SAM Master Key using the SAM_LockUnlock command. Note that MIFARE SAM AV2
mode activation is thus only possible if the SAM Master Key is configured as an AES128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com