Electronic Components Datasheet Search
  English  ▼

X  

P5DF081 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P5DF081
Description  MIFARE SAM AV2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P5DF081 Datasheet HTML 6Page - NXP Semiconductors P5DF081 Datasheet HTML 7Page - NXP Semiconductors P5DF081 Datasheet HTML 8Page - NXP Semiconductors P5DF081 Datasheet HTML 9Page - NXP Semiconductors P5DF081 Datasheet HTML 10Page - NXP Semiconductors P5DF081 Datasheet HTML 11Page - NXP Semiconductors P5DF081 Datasheet HTML 12Page - NXP Semiconductors P5DF081 Datasheet HTML 13Page - NXP Semiconductors P5DF081 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 12 August 2010
191710
10 of 36
NXP Semiconductors
P5DF081
MIFARE SAM AV2
8.4.4 Key Storage (MIFARE SAM AV2 mode)
MIFARE SAM AV2 in MIFARE SAM AV2 mode can store both symmetric and asymmetric
keys.
8.4.4.1
Symmetric keys
MIFARE SAM AV2 can store up to 128 symmetric keys in up to 3 versions (only 2 versions
possible for 3TDEA keys and AES-192 keys) There only difference in the content of a key
entry compared to AV1 compatibility mode is the addition of an ExtSET byte with
extended configuration settings, as can be seen in Table 14.
Storage and configuration options: Next to the addition of the ExtSET byte, part of the
SET configuration settings got redefined when comparing AV2 mode to the AV1
compatibility mode.
Four classes of keys are distinguished which restrict the possible usage of a key entry to
part of the SAM functionality:
1. Host Keys: used for protecting the SAM-Host communication (see Section 8.5) These
keys are restricted to the AES key types.
2. PICC Keys: used for the card communication; depending on the key type they can be
used for authenticating and communicating with a MIFARE Plus, DESFire, MIFARE
Classic and/or MIFARE Ultralight C card
3. OfflineChange Keys: used for some key management commands, to allow offline
preparation of the cryptograms for these commands (compared to when the key
management is done with Host Keys) These keys are restricted to the AES key types.
4. OfflineCrypto Keys: used for offline crypto operations: e.g. for communication with the
backend or for writing encrypted data on a MIFARE Plus Slim or MIFARE Ultralight
(C) card.
Note that the key classes are mutual exclusive: one key cannot belong to more than 1 of
these classes.
KST reset when activating MIFARE SAM AV2 mode: From MIFARE SAM AV2 mode
on, the keys stored in the KST are identified as Host, PICC, OfflineChange or
OfflineCrypto Keys. For this reason the KST is reset when activating MIFARE SAM AV2
mode, as it is not clear how to assign the existing keys to one of the classes automatically.
8.4.4.2
Asymmetric keys
MIFARE SAM AV2 can store 2 RSA public key pairs and one RSA public key.MIFARE
SAM AV2 supports RSA keys with a modulus with a size from 256 bit (i.e. 32 bytes) up to
2048 bit (i.e. 256 bytes).
PKI Key Storage Table: MIFARE SAM AV2 uses a PKI Key Storage Table (PKI_KST) in
order to store and manage RSA asymmetric key pairs (i.e. private and public keys) and
the attributes related to keys. The PKI_KST holds 3 entries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com