| Electronic Components Datasheet Search |
|
P5DF081 Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5DF081 Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 36 page ![]() P5DF081_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Objective short data sheet PUBLIC Rev. 1 — 12 August 2010 191710 14 of 36 NXP Semiconductors P5DF081 MIFARE SAM AV2 SAM_IsoGetChallenge/ SAM_GetRandom AV1 compatibility mode In AV1 compatibility mode, this is the first part of an ISO compliant authentication sequence returning a random number. The command can obviously also be used for simply generating a random number but it has to be taken into account that the MIFARE SAM AV2 internally is set into a state indicating that an authentication procedure is ongoing, if the requested random number length is 8 byte or 16 byte. Consequently, the command called after getting the random number will be aborted (except SAM_IsoExternalAuthenticate). After this abortion the MIFARE SAM AV2 resets its state and returns to normal operation. For a complete and valid authentication procedure, the three commands SAM_IsoGetChallenge, SAM_IsoExternalAuthenticate and SAM_IsoInternalAuthenticate have to be called in sequence without interrupting the sequence by another command. AV2 mode In AV2 mode, this command is only available to get random numbers. In this case, there are no special constraints on the expected length for the challenge. SAM_IsoExternalAuthen ticate This command is part of an ISO compliant authentication procedure consisting of SAM_IsoGetChallenge, SAM_IsoExternalAuthenticate and SAM_IsoInternalAuthenticate. It can be used by a host for authenticating the MIFARE SAM AV2. Note that this command is only available in AV1 compatibility mode. Such an authentication proves that both the MIFARE SAM AV2 and the host contain the same secret, namely a DES, TDEA or AES key, and generates a session key for further cryptographic operations. SAM_IsoInternalAuthent icate This command is part of an ISO compliant authentication procedure consisting of SAM_IsoGetChallenge, SAM_IsoExternalAuthenticate and SAM_IsoInternalAuthenticate. It can be used by a host for authenticating the MIFARE SAM AV2. Note that this command is only available in AV1 compatibility mode. Such an authentication proves that both the MIFARE SAM AV2 and the host contain the same secret, namely a DES, TDEA or AES key, and generates a session key for further cryptographic operations. SAM_GetVersion The SAM_GetVersion command returns manufacturing related data of the MIFARE SAM AV2. The SAM_GetVersion command can be used to detect whether a SAM has been switched to the MIFARE SAM AV2 mode. SAM_Sleep Will force the MIFARE SAM AV2 to put a connected RC222 into sleep mode and itself into idle mode to reduce power consumption. The MIFARE SAM AV2 will answer the command and afterwards switch to idle mode. The MIFARE SAM AV2 will automatically return to normal operation after receiving the first character of the next command. The RC222 will stay in sleep mode until a command is issued which utilizes the reader IC. Then the MIFARE SAM AV2 automatically carries out the wake-up sequence before starting the requested operation. Table 6. SAM security and configuration commands …continued Command Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |