Electronic Components Datasheet Search
  English  ▼

X  

P5DF081 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P5DF081
Description  MIFARE SAM AV2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081 Datasheet(HTML) 1 Page - NXP Semiconductors

  P5DF081 Datasheet HTML 1Page - NXP Semiconductors P5DF081 Datasheet HTML 2Page - NXP Semiconductors P5DF081 Datasheet HTML 3Page - NXP Semiconductors P5DF081 Datasheet HTML 4Page - NXP Semiconductors P5DF081 Datasheet HTML 5Page - NXP Semiconductors P5DF081 Datasheet HTML 6Page - NXP Semiconductors P5DF081 Datasheet HTML 7Page - NXP Semiconductors P5DF081 Datasheet HTML 8Page - NXP Semiconductors P5DF081 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1.
General description
The NXP MIFARE SAM TM AV2 hardware solution is the ideal add-on for reader devices
offering additional security services. Supporting TDEA, AES and RSA capabilities, it offers
secure storage and secure communication in a variety of infrastructures.
Unlike other products in the field, MIFARE SAM AV2 has proven interoperability with all of
NXP's broad card portfolio, (MIFARE Ultralight, MIFARE Ultralight C, MIFARE 1K,
MIFARE 4K, MIFARE Plus, MIFARE DESFire, MIFARE DESFire EV1 and SmartMX
solutions), making it the most versatile and secure SAM solution on the market today.
Secured communication
When used in combination with a reader IC supporting innovative "X" features, MIFARE
SAM AV2 provides a significant boost in performance to the reader along with faster
communication between reader and module. The "X" feature is a new way to use the SAM
in a system, with SAM connected to the microcontroller and the reader IC simultaneously.
The connection between the SAM and the reader is performed using security protocols
based on either symmetric cryptography (TDEA and AES) or PKI RSA asymmetric
cryptography. The protocols comply with the state-of-art standards and thereby ensure
data confidentiality and integrity.
2.
Features and benefits
2.1 Cryptography
Supports MIFARE Crypto1, TDEA (Triple DES encryption algorithm), RSA and AES
cryptography
Supports MIFARE Ultralight, MIFARE Ultralight C, MIFARE 1K, MIFARE 4K,
MIFARE Plus, MIFARE DESFire, MIFARE DESFire EV1
Secure storage and updating of keys (key usage counters)
128 key entries for symmetric cryptography and 3 RSA key entries for asymmetric
cryptography
TDEA and AES based key diversification
Offline cryptography
2.2 Communication
Up to four logical channels; simultaneous multiple card support
Support for DESFire and MIFARE Plus authentication (with related secure messaging
and session key generation)
P5DF081
MIFARE SAM AV2
Rev. 1 — 12 August 2010
191710
Objective short data sheet
PUBLIC


Similar Part No. - P5DF081

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5DF081HN/T1AD2060 NXP-P5DF081HN/T1AD2060 Datasheet
348Kb / 40P
MIFARE secure access module SAM AV2
Rev. 3.3 - 13 September 2023
P5DF081HN/T1AR1070 NXP-P5DF081HN/T1AR1070 Datasheet
348Kb / 40P
MIFARE secure access module SAM AV2
Rev. 3.3 - 13 September 2023
P5DF081UA/T1AD2060 NXP-P5DF081UA/T1AD2060 Datasheet
348Kb / 40P
MIFARE secure access module SAM AV2
Rev. 3.3 - 13 September 2023
P5DF081UA/T1AR1070 NXP-P5DF081UA/T1AR1070 Datasheet
348Kb / 40P
MIFARE secure access module SAM AV2
Rev. 3.3 - 13 September 2023
P5DF081X0/T1AD2060 NXP-P5DF081X0/T1AD2060 Datasheet
348Kb / 40P
MIFARE secure access module SAM AV2
Rev. 3.3 - 13 September 2023
More results

Similar Description - P5DF081

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB2168 SIEMENS-PSB2168 Datasheet
897Kb / 185P
Digital Answering Machine SAM
logo
Intersil Corporation
ISL6550A INTERSIL-ISL6550A Datasheet
287Kb / 11P
SAM Supervisor And Monitor
January 18, 2005
logo
NXP Semiconductors
MF0ICU2 NXP-MF0ICU2 Datasheet
89Kb / 15P
MIFARE Ultralight C
Rev. 3.2-19 May 2009
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
The Original MIFARE reader solution
Rev. 3.4-11 February 2014
MF1PX1Y1 NXP-MF1PX1Y1 Datasheet
246Kb / 33P
MIFARE Plus EV1
Rev.3.2-6 December2018
MF4SAM3 NXP-MF4SAM3 Datasheet
957Kb / 31P
MIFARE SAM AV3 secure access module
Rev.3.0-2 August2019
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
MF4SAM3X NXP-MF4SAM3X Datasheet
983Kb / 31P
MIFARE SAM AV3 secure access module
Rev. 3.1 - 1 July 2023
P5DF081_SDS NXP-P5DF081_SDS Datasheet
348Kb / 40P
MIFARE secure access module SAM AV2
Rev. 3.3 - 13 September 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com