Electronic Components Datasheet Search
  English  ▼

X  

P5DF081 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P5DF081
Description  MIFARE SAM AV2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081 Datasheet(HTML) 4 Page - NXP Semiconductors

  P5DF081 Datasheet HTML 1Page - NXP Semiconductors P5DF081 Datasheet HTML 2Page - NXP Semiconductors P5DF081 Datasheet HTML 3Page - NXP Semiconductors P5DF081 Datasheet HTML 4Page - NXP Semiconductors P5DF081 Datasheet HTML 5Page - NXP Semiconductors P5DF081 Datasheet HTML 6Page - NXP Semiconductors P5DF081 Datasheet HTML 7Page - NXP Semiconductors P5DF081 Datasheet HTML 8Page - NXP Semiconductors P5DF081 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 12 August 2010
191710
4 of 36
NXP Semiconductors
P5DF081
MIFARE SAM AV2
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional specification
8.1 Hardware interface
8.1.1 Contact interface
The pad assignment and the electrical characteristics are fully compliant with
ISO/IEC 7816 (part 2 and part 3). The MIFARE SAM AV2 operates with Class A and
Class B interface devices. An internal charge pump provides the EEPROM programming
voltage. Note that pad C6 is not a programming voltage input but is an output line for the
clock signal for I2C communication to the RC222 reader chip. Pad C8 is used as data line
to the reader chip. These two pads for connection to the RC222 are the only ones
deviating from the ISO standard pin assignment.
8.1.2 External clock frequency and bit rates
The basic operation frequency of the MIFARE SAM AV2 is 3.5712 MHz. With this
frequency the following standard bit rates can be reached using ISO/IEC 7816
transmission factors F and D.
The MIFARE SAM AV2 supports significantly higher transmission speeds.
Fig 2.
Pin configuration
001aam116
C1
VCC
C5
GND
C2
RST_N
C6
IO3
C3
CLK_N
C7
IO1
C4
n.c.
C8
IO2
Table 3.
Pin description ISO/IEC 7816/MIFARE SAM AV2
ISO/IEC 7816
MIFARE SAM AV2
Pad Symbol
Symbol
Pad
Description
C1
VCC
VCC
C1
power supply voltage input
C2
RST
RST_N
C2
reset input, active LOW
C3
CLK
CLK_N
C3
clock input
C4
reserved
n.c.
C4
n.c.
C5
GND
GND
C5
ground (reference voltage) input
C6
VPP
IO3
C6
used for I2C communication to RC222 (SCLK)
C7
IO1
IO1
C7
input/output for serial data (host communication)
C8
reserved
IO2
C8
used for I2C communication to RC222 (SDATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com