Electronic Components Datasheet Search
  English  ▼

X  

P5DF081 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P5DF081
Description  MIFARE SAM AV2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P5DF081 Datasheet HTML 5Page - NXP Semiconductors P5DF081 Datasheet HTML 6Page - NXP Semiconductors P5DF081 Datasheet HTML 7Page - NXP Semiconductors P5DF081 Datasheet HTML 8Page - NXP Semiconductors P5DF081 Datasheet HTML 9Page - NXP Semiconductors P5DF081 Datasheet HTML 10Page - NXP Semiconductors P5DF081 Datasheet HTML 11Page - NXP Semiconductors P5DF081 Datasheet HTML 12Page - NXP Semiconductors P5DF081 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 12 August 2010
191710
9 of 36
NXP Semiconductors
P5DF081
MIFARE SAM AV2
RSA signature generation and verification: The PKI functionalities of MIFARE SAM
AV2 support RSA signature handling. It is used by the PKI_GenerateSignature,
PKI_VerifySignatures and PKI_UpdateKeyEntries commands. The supported algorithm is
RSASSA-PSS (see Ref. 16). The PKI_GenerateSignature and PKI_VerifySignatures
commands expect the already hashed message mHash as input. The initial hash
operation (Step 1 and 2 of EMSA-PSS-Encode and EMSA-PSS-Verify, Ref. 16) is not
calculated by this function.
Hashing algorithms (MIFARE SAM AV2 only): MIFARE SAM AV2 supports SHA-1,
SHA-224 and SHA-256 for hashing according to Ref. 17. These hashing algorithms are
available in AV2 mode via the PKI_GenerateHash command.
8.4.2 Key diversification
MIFARE SAM AV2 provides several key diversification methods. In both AV1 compatibility
mode and in MIFARE SAM AV2 mode, the MIFARE SAM AV1 key diversification methods
and new MIFARE SAM AV2 key diversification methods are available; however for AV2
only commands (i.e. MFP commands and the ULC_AuthenticatePICC) only the new
MIFARE SAM AV2 diversification methods are available.
8.4.3 Key Storage (MIFARE SAM AV1 compatibility mode)
MIFARE SAM AV2 in AV1 compatibility mode can only store symmetric keys.
MIFARE SAM AV2 can store up to 128 symmetric keys in up to 3 versions (only 2 versions
possible for 3TDEA keys and AES-192 keys).
8.4.3.1
Symmetric keys
The MIFARE SAM AV2 uses a Key Storage Table (KST) in order to store and manage
keys and attributes related to keys.
The KST holds 128 entries. Every entry contains positions to store three DES, three
2TDEA, two 3TDEA, three AES128, two AES192 or six MIFARE keys plus their attributes.
Every key entry is referred to by its index, the KeyNo.
Key reference number: KeyNo is the index of the entry in the KST and can have the
value 00h to 7Fh.
Key reference number of change entry key: The 1-byte field holds the KeyNo that is
necessary for authentication to run a SAM_ChangeKeyEntry command.
The value FEh disables the need for authentication for key load.
The value FFh irreversibly locks the entire key entry.
Key version of change entry key: The 1-byte field holds the key version within the key
entry specified for the change entry key. The key version has to be in the range of 00h to
FFh.
Reference number of key usage counter: The 1-byte field holds the reference number
of the key usage counter entry which is automatically incremented each time this key
entry is used for authentication, see Section 8.4.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com