Electronic Components Datasheet Search
  English  ▼

X  

P5DF081 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P5DF081
Description  MIFARE SAM AV2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P5DF081 Datasheet HTML 2Page - NXP Semiconductors P5DF081 Datasheet HTML 3Page - NXP Semiconductors P5DF081 Datasheet HTML 4Page - NXP Semiconductors P5DF081 Datasheet HTML 5Page - NXP Semiconductors P5DF081 Datasheet HTML 6Page - NXP Semiconductors P5DF081 Datasheet HTML 7Page - NXP Semiconductors P5DF081 Datasheet HTML 8Page - NXP Semiconductors P5DF081 Datasheet HTML 9Page - NXP Semiconductors P5DF081 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 12 August 2010
191710
6 of 36
NXP Semiconductors
P5DF081
MIFARE SAM AV2
After every future warm reset, the mode of operation and therefore also the ATR is toggled
with the ATR after cold reset.
8.2.1.2
Protocol and Parameter Selection (PPS exchange)
The PPS command allows to individually select the transmission factors and the
communication protocol.
The PPS was successful if the response exactly echoes the request.
8.2.2 Protocol T = 1
The MIFARE SAM AV2 offers a T = 1 protocol which is fully compliant with ISO/IEC
7816-3, Chapter 9.
For details on how to calculate the resulting time-outs, refer to ISO/IEC 7816-3, Chapter
9.5.
8.2.3 APDU structure
All instructions sent to the MIFARE SAM AV2 have to be coded into an APDU structure
according to ISO/IEC 7816-4 and inserted into the information field of one or more
I-Blocks.
The commands do not belong to the inter-industry class. The coding of the command and
response pairs is proprietary, only the structure is compliant with ISO/IEC 7816-4.
Table 5.
ATR after warm reset
Character
Value
Meaning
TS
3Bh
initial character; setting up direct convention
T0
DFh
TA(1), TC(1) and TD(1) are present; number of
historical characters is 15
TA(1)
18h
F = 128 and D = 32
TC(1)
FFh
no extra guard time needed; N = 255
TD(1)
81h
TA(2) and TD(2) are present; protocol T = 1
TA(2)
F1h
specific mode byte: capable of changing the mode
of operation; parameters defined by interface bytes;
protocol T = 1
TD(2)
FEh
TA(3), TB(3), TC(3), TD(3) are present; protocol
T=1
TA(3)
43h
information field size of the card = 254
TB(3)
00h
BWT indicator = 4; CWT indicator = 3
TC(3)
3Fh
error detection code = LRC
TD(3)
07h
TA and TB for T = 15 is present, protocol T = 15
(qualifies global interface bytes)
TA(after T = 15)
83h
clock stop not supported, Class A and Class B
TB(after T = 15)
18h
Proprietary use of C6 (IO3, reception of serial data
from RC222)
Historical bytes
4Dh, 49h, 46h, 41h, 52h,
45h, 20h, 50h, 6Ch, 75h,
73h, 20h, 53h, 41h, 4Dh
ASCII value of “MIFARE Plus SAM”
TCK
98h
check character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com