Electronic Components Datasheet Search
  English  ▼

X  

82X38 Datasheet(PDF) 67 Page - Intel Corporation

Part # 82X38
Description  Express Chipset
PDF  342 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82X38 Datasheet(HTML) 67 Page - Intel Corporation

Back Button 82X38 Datasheet HTML 63Page - Intel Corporation 82X38 Datasheet HTML 64Page - Intel Corporation 82X38 Datasheet HTML 65Page - Intel Corporation 82X38 Datasheet HTML 66Page - Intel Corporation 82X38 Datasheet HTML 67Page - Intel Corporation 82X38 Datasheet HTML 68Page - Intel Corporation 82X38 Datasheet HTML 69Page - Intel Corporation 82X38 Datasheet HTML 70Page - Intel Corporation 82X38 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 342 page
background image
Datasheet
67
DRAM Controller Registers (D0:F0)
5.1.4
PCISTS—PCI Status
B/D/F/Type:
0/0/0/PCI
Address Offset: 6–7h
Default Value:
0090h
Access:
RO, RWC
Size:
16 bits
This status register reports the occurrence of error events on Device 0's PCI interface.
Since the MCH Device 0 does not physically reside on PCI_A many of the bits are not
implemented.
Bit
Access
Default
Value
Description
15
RWC
0b
Detected Parity Error (DPE): This bit is set when this Device receives a
Poisoned TLP.
14
RWC
0b
Signaled System Error (SSE): This bit is set to 1 when the MCH Device 0
generates an SERR message over DMI for any enabled Device 0 error condition.
Device 0 error conditions are enabled in the PCICMD, ERRCMD, and DMIUEMSK
registers. Device 0 error flags are read/reset from the PCISTS, ERRSTS, or
DMIUEST registers. Software clears this bit by writing a 1 to it.
13
RWC
0b
Received Master Abort Status (RMAS): This bit is set when the MCH
generates a DMI request that receives an Unsupported Request completion
packet. Software clears this bit by writing a 1 to it.
12
RWC
0b
Received Target Abort Status (RTAS): This bit is set when the MCH
generates a DMI request that receives a Completer Abort completion packet.
Software clears this bit by writing a 1 to it.
11
RO
0b
Signaled Target Abort Status (STAS): The MCH will not generate a Target
Abort DMI completion packet or Special Cycle. This bit is not implemented in the
MCH and is hardwired to a 0. Writes to this bit position have no effect.
10:9
RO
00b
DEVSEL Timing (DEVT): These bits are hardwired to "00". Writes to these bit
positions have no affect. Device 0 does not physically connect to PCI_A. These
bits are set to "00" (fast decode) so that optimum DEVSEL timing for PCI_A is
not limited by the MCH.
8RWC
0b
Master Data Parity Error Detected (DPD): This bit is set when DMI received
a Poisoned completion from ICH.
This bit can only be set when the Parity Error Enable bit in the PCI Command
register is set.
7RO
1b
Fast Back-to-Back (FB2B): This bit is hardwired to 1. Writes to these bit
positions have no effect. Device 0 does not physically connect to PCI_A. This bit
is set to 1 (indicating fast back-to-back capability) so that the optimum setting
for PCI_A is not limited by the MCH.
6
RO
0b
Reserved
5RO
0b
66 MHz Capable: Does not apply to PCI Express. Hardwired to 0.
4RO
1b
Capability List (CLIST): This bit is hardwired to 1 to indicate to the
configuration software that this device/function implements a list of new
capabilities. A list of new capabilities is accessed via register CAPPTR at
configuration address offset 34h. Register CAPPTR contains an offset pointing to
the start address within configuration space of this device where the Capability
Identification register resides.
3:0
RO
0000b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com