Electronic Components Datasheet Search
  English  ▼

X  

82X38 Datasheet(PDF) 28 Page - Intel Corporation

Part # 82X38
Description  Express Chipset
PDF  342 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82X38 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 82X38 Datasheet HTML 24Page - Intel Corporation 82X38 Datasheet HTML 25Page - Intel Corporation 82X38 Datasheet HTML 26Page - Intel Corporation 82X38 Datasheet HTML 27Page - Intel Corporation 82X38 Datasheet HTML 28Page - Intel Corporation 82X38 Datasheet HTML 29Page - Intel Corporation 82X38 Datasheet HTML 30Page - Intel Corporation 82X38 Datasheet HTML 31Page - Intel Corporation 82X38 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 342 page
background image
Signal Description
28
Datasheet
2.2.2
System Memory Channel B Interface Signals
DDR_A_CB_[7:0]
I/O
SSTL-1.8
ECC Check Byte
DDR_A_DM_[7:0]
O
SSTL-1.8/1.5
DDR2/DDR3 Data Mask
DDR_A_DQS_[8:0]
I/O
SSTL-1.8/1.5
DDR2/DDR3 Data Strobes
DDR_A_DQSB_[8:0]
I/O
SSTL-1.8/1.5
DDR2/DDR3 Data Strobe Complements
Signal Name
Type
Description
DDR_B_CK
O
SSTL-1.8/1.5
SDRAM Differential Clocks:
— DDR2: Three per DIMM
— DDR3: Two per DIMM
DDR_B_CKB
O
SSTL-1.8/1.5
SDRAM Inverted Differential Clocks:
— DDR2: Three per DIMM
— DDR3: Two per DIMM
DDR_B_CSB_[3:0]
O
SSTL-1.8/1.5
DDR2/DDR3 Device Rank 3, 2, 1, and 0 Chip
Select
DDR_B_CKE_[3:0]
O
SSTL-1.8/1.5
DDR2/DDR3 Clock Enable:
(1 per Device Rank)
DDR_B_ODT_[2:0]
O
SSTL-1.8/1.5
DDR2/DDR3 Device Rank 2, 1, and 0 On Die
Termination
DDR_B_ODT_3
O
SSTL-1.8
DDR2 Device Rank 3 On Die Termination
DDR3_B_ODT_3
O
SSTL-1.5
DDR3 Device Rank 3 On Die Termination
DDR_B_MA_[14:0]
O
SSTL-1.8/1.5
DDR2/DDR3 Address Signals [14:0]
DDR_B_BS_[2:0]
O
SSTL-1.8/1.5
DDR2/DDR3 Bank Select
DDR_B_RASB
O
SSTL-1.8/1.5
DDR2/DDR3 Row Address Select signal
DDR_B_CASB
O
SSTL-1.8/1.5
DDR2/DDR3 Column Address Select signal
DDR_B_WEB
O
SSTL-1.8/1.5
DDR2/DDR3 Write Enable signal
DDR_B_DQ_[63:0]
I/O
SSTL-1.8/1.5
DDR2/DDR3 Data Lines
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com