Electronic Components Datasheet Search
  English  ▼

X  

82X38 Datasheet(PDF) 47 Page - Intel Corporation

Part # 82X38
Description  Express Chipset
PDF  342 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82X38 Datasheet(HTML) 47 Page - Intel Corporation

Back Button 82X38 Datasheet HTML 43Page - Intel Corporation 82X38 Datasheet HTML 44Page - Intel Corporation 82X38 Datasheet HTML 45Page - Intel Corporation 82X38 Datasheet HTML 46Page - Intel Corporation 82X38 Datasheet HTML 47Page - Intel Corporation 82X38 Datasheet HTML 48Page - Intel Corporation 82X38 Datasheet HTML 49Page - Intel Corporation 82X38 Datasheet HTML 50Page - Intel Corporation 82X38 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 342 page
background image
Datasheet
47
System Address Map
3.7
System Management Mode (SMM)
System Management Mode uses main memory for System Management RAM (SMM
RAM). The MCH supports: Compatible SMRAM (C_SMRAM), High Segment (HSEG), and
Top of Memory Segment (TSEG). System Management RAM space provides a memory
area that is available for the SMI handlers and code and data storage. This memory
resource is normally hidden from the system OS so that the processor has immediate
access to this memory space upon entry to SMM. MCH provides three SMRAM options:
• Below 1 MB option that supports compatible SMI handlers.
• Above 1 MB option that allows new SMI handlers to execute with write-back
cacheable SMRAM.
• Optional TSEG area of 1 MB, 2 MB, or 8 MB in size. The TSEG area lies below stolen
memory.
The above 1 MB solutions require changes to compatible SMRAM handlers code to
properly execute above 1 MB.
Note:
DMI Interface and PCI Express masters are not allowed to access the SMM space.
3.7.1
SMM Space Definition
SMM space is defined by its addressed SMM space and its DRAM SMM space. The
addressed SMM space is defined as the range of bus addresses used by the processor
to access SMM space. DRAM SMM space is defined as the range of physical DRAM
memory locations containing the SMM code. SMM space can be accessed at one of
three transaction address ranges: Compatible, High, and TSEG. The Compatible and
TSEG SMM space is not remapped and therefore the addressed and DRAM SMM space
is the same address range. Since the High SMM space is remapped the addressed and
DRAM SMM space is a different address range. Note that the High DRAM space is the
same as the Compatible Transaction Address space. Table 5 describes three unique
address ranges.
• Compatible Transaction Address
• High Transaction Address
• TSEG Transaction Address
Table 5.
Transaction Address Ranges – Compatible, High, and TSEG
SMM Space Enabled
Transaction Address Space
DRAM Space (DRAM)
Compatible
000A_0000h to 000B_FFFFh
000A_0000h to 000B_FFFFh
High
FEDA_0000h to FEDB_FFFFh
000A_0000h to 000B_FFFFh
TSEG
(TOLUD–STOLEN–TSEG) to
TOLUD–STOLEN
(TOLUD–STOLEN–TSEG) to
TOLUD–STOLEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com