Electronic Components Datasheet Search
  English  ▼

X  

82X38 Datasheet(PDF) 32 Page - Intel Corporation

Part # 82X38
Description  Express Chipset
PDF  342 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82X38 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 82X38 Datasheet HTML 28Page - Intel Corporation 82X38 Datasheet HTML 29Page - Intel Corporation 82X38 Datasheet HTML 30Page - Intel Corporation 82X38 Datasheet HTML 31Page - Intel Corporation 82X38 Datasheet HTML 32Page - Intel Corporation 82X38 Datasheet HTML 33Page - Intel Corporation 82X38 Datasheet HTML 34Page - Intel Corporation 82X38 Datasheet HTML 35Page - Intel Corporation 82X38 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 342 page
background image
Signal Description
32
Datasheet
2.6
Direct Media Interface
2.7
Power and Grounds
§ §
Signal Name
Type
Description
DMI_RXP_[3:0]
DMI_RXN_[3:0]
I
DMI
Direct Media Interface: Receive differential pair (RX). MCH-
ICH serial interface input
DMI_TXP_[3:0]
DMI_TXN_[3:0]
O
DMI
Direct Media Interface: Transmit differential pair (TX).
MCH-ICH serial interface output
Name
Voltage
Description
VCC
1.25 V
Core Power
VTT
1.1 V/1.2 V
Processor System Bus Power
VCC_EXP
1.25 V
PCI Express* and DMI Power
VCC_DDR
1.8 V/1.5V
DDR2/DDR3 System Memory Power
VCC_CKDDR
1.8V/1.5V
DDR2/DDR3 System Clock Memory Power
VCC3_3
3.3 V
3.3 V CMOS Power
VCCAPLL_EXP
1.25 V
Primary PCI Express PLL Analog Power
VCCAPLL_EXP2
1.25 V
Secondary PCI Express PLL Analog Power
VCCA_hplL
1.25 V
Host PLL Analog Power
VCCA_mpl
1.25 V
System Memory PLL Analog Power
VCCABG_EXP
3.3 V
PCI Express* Analog Power
VCC_CL
1.25 V
Controller Link Aux Power
VSS
0 V
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com