Electronic Components Datasheet Search
  English  ▼

X  

82X38 Datasheet(PDF) 3 Page - Intel Corporation

Part # 82X38
Description  Express Chipset
PDF  342 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82X38 Datasheet(HTML) 3 Page - Intel Corporation

  82X38 Datasheet HTML 1Page - Intel Corporation 82X38 Datasheet HTML 2Page - Intel Corporation 82X38 Datasheet HTML 3Page - Intel Corporation 82X38 Datasheet HTML 4Page - Intel Corporation 82X38 Datasheet HTML 5Page - Intel Corporation 82X38 Datasheet HTML 6Page - Intel Corporation 82X38 Datasheet HTML 7Page - Intel Corporation 82X38 Datasheet HTML 8Page - Intel Corporation 82X38 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 342 page
background image
Datasheet
3
Contents
1Introduction ............................................................................................................ 15
1.1
Terminology ..................................................................................................... 16
1.2
MCH Overview .................................................................................................. 19
1.2.1
Host Interface........................................................................................ 19
1.2.2
System Memory Interface ....................................................................... 19
1.2.3
Direct Media Interface (DMI).................................................................... 20
1.2.4
PCI Express* Interface............................................................................ 21
1.2.5
MCH Clocking ........................................................................................ 22
1.2.6
Power Management ................................................................................ 22
1.2.7
Thermal Sensor ..................................................................................... 22
2
Signal Description ................................................................................................... 23
2.1
Host Interface Signals........................................................................................ 24
2.2
System Memory (DDR2/DDR3) Interface Signals ................................................... 27
2.2.1
System Memory Channel A Interface Signals.............................................. 27
2.2.2
System Memory Channel B Interface Signals.............................................. 28
2.2.3
System Memory Miscellaneous Signals ...................................................... 29
2.3
PCI Express* Interface Signals............................................................................ 30
2.4
Controller Link Interface Signals.......................................................................... 30
2.5
Clocks, Reset, and Miscellaneous ......................................................................... 31
2.6
Direct Media Interface........................................................................................ 32
2.7
Power and Grounds ........................................................................................... 32
3
System Address Map ............................................................................................... 33
3.1
Legacy Address Range ....................................................................................... 36
3.1.1
DOS Range (0h – 9_FFFFh) ..................................................................... 36
3.1.2
Expansion Area (C_0000h-D_FFFFh) ......................................................... 37
3.1.3
Extended System BIOS Area (E_0000h–E_FFFFh)....................................... 37
3.1.4
System BIOS Area (F_0000h–F_FFFFh) ..................................................... 38
3.1.5
PAM Memory Area Details........................................................................ 38
3.2
Main Memory Address Range (1MB – TOLUD)........................................................ 38
3.2.1
ISA Hole (15 MB –16 MB)........................................................................ 39
3.2.2
TSEG .................................................................................................... 40
3.2.3
Pre-allocated Memory ............................................................................. 40
3.3
PCI Memory Address Range (TOLUD – 4 GB) ........................................................ 41
3.3.1
APIC Configuration Space (FEC0_0000h–FECF_FFFFh)................................. 43
3.3.2
HSEG (FEDA_0000h–FEDB_FFFFh) ........................................................... 43
3.3.3
FSB Interrupt Memory Space (FEE0_0000–FEEF_FFFF)................................ 43
3.3.4
High BIOS Area...................................................................................... 43
3.4
Main Memory Address Space (4 GB to TOUUD)...................................................... 44
3.4.1
Memory Re-claim Background .................................................................. 45
3.4.2
Memory Reclaiming ................................................................................ 45
3.5
PCI Express* Configuration Address Space ........................................................... 45
3.6
PCI Express* Address Space ............................................................................... 46
3.7
System Management Mode (SMM) ....................................................................... 47
3.7.1
SMM Space Definition ............................................................................. 47
3.7.2
SMM Space Restrictions .......................................................................... 48
3.7.3
SMM Space Combinations........................................................................ 48
3.7.4
SMM Control Combinations ...................................................................... 49
3.7.5
SMM Space Decode and Transaction Handling ............................................ 49
3.7.6
Processor WB Transaction to an Enabled SMM Address Space....................... 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com