Electronic Components Datasheet Search
  English  ▼

X  

PSD8XXFX Datasheet(PDF) 71 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 71 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 67Page - STMicroelectronics PSD8XXFX Datasheet HTML 68Page - STMicroelectronics PSD8XXFX Datasheet HTML 69Page - STMicroelectronics PSD8XXFX Datasheet HTML 70Page - STMicroelectronics PSD8XXFX Datasheet HTML 71Page - STMicroelectronics PSD8XXFX Datasheet HTML 72Page - STMicroelectronics PSD8XXFX Datasheet HTML 73Page - STMicroelectronics PSD8XXFX Datasheet HTML 74Page - STMicroelectronics PSD8XXFX Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 128 page
background image
PSD8XXFX
I/O ports
Doc ID 7833 Rev 7
71/128
16.6
Address In mode
For MCUs that have more than 16 address signals, the higher addresses can be connected
to port A, B, C, and D. The address input can be latched in the input macrocell (IMC) by
Address Strobe (ALE/AS, PD0). Any input that is included in the DPLD equations for the
SRAM, or primary or secondary Flash memory is considered to be an address input.
16.7
Data port mode
Port A can be used as a data bus port for a MCU with a non-multiplexed address/data bus.
The Data port is connected to the data bus of the MCU. The general I/O functions are
disabled in port A if the port is configured as a Data port.
16.8
Peripheral I/O mode
Peripheral I/O mode can be used to interface with external peripherals. In this mode, all of
port A serves as a tri-state, bi-directional data buffer for the MCU. Peripheral I/O mode is
enabled by setting Bit 7 of the VM register to a ’1.’ Figure 26 shows how port A acts as a bi-
directional buffer for the MCU data bus if Peripheral I/O mode is enabled. An equation for
PSEL0 and/or PSEL1 must be written in PSDabel. The buffer is tri-stated when PSEL0 or
PSEL1 is not active.
Figure 26.
Peripheral I/O mode
16.9
JTAG in-system programming (ISP)
Port C is JTAG compliant, and can be used for in-system programming (ISP). You can
multiplex JTAG operations with other functions on port C because in-system programming
(ISP) is not performed in normal operating mode. For more information on the JTAG port,
see Section 19: Programming in-circuit using the JTAG serial interface.
RD
PSEL0
PSEL1
PSEL
VM REGISTER BIT 7
WR
PA0 - PA7
D0-D7
DATA BUS
AI02886



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com