Electronic Components Datasheet Search
  English  ▼

X  

PSD8XXFX Datasheet(PDF) 77 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 77 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 73Page - STMicroelectronics PSD8XXFX Datasheet HTML 74Page - STMicroelectronics PSD8XXFX Datasheet HTML 75Page - STMicroelectronics PSD8XXFX Datasheet HTML 76Page - STMicroelectronics PSD8XXFX Datasheet HTML 77Page - STMicroelectronics PSD8XXFX Datasheet HTML 78Page - STMicroelectronics PSD8XXFX Datasheet HTML 79Page - STMicroelectronics PSD8XXFX Datasheet HTML 80Page - STMicroelectronics PSD8XXFX Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
PSD8XXFX
I/O ports
Doc ID 7833 Rev 7
77/128
Port D pins can be configured in PSDsoft Express as input pins for other dedicated
functions:
●
Address Strobe (ALE/AS, PD0)
●
CLKIN (PD1) as input to the macrocells flip-flops and APD counter
●
PSD Chip Select input (CSI, PD2). Driving this signal high disables the Flash memory,
SRAM and CSIOP.
Figure 29.
Port D structure
16.23
External Chip Select
The CPLD also provides three External Chip Select (ECS0-ECS2) outputs on port D pins
that can be used to select external devices. Each External Chip Select (ECS0-ECS2)
consists of one product term that can be configured active high or low. The output enable of
the pin is controlled by either the output enable product term or the Direction register (see
Figure 30).
DATA OUT
REG.
DQ
DQ
WR
WR
ECS[ 2: 0]
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
DATA IN
ENABLE PRODUCT
TERM (.OE)
OUTPUT
SELECT
OUTPUT
MUX
PORT D PIN
DATA OUT
AI02889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com