Electronic Components Datasheet Search
  English  ▼

X  

PSD8XXFX Datasheet(PDF) 50 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 50 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 46Page - STMicroelectronics PSD8XXFX Datasheet HTML 47Page - STMicroelectronics PSD8XXFX Datasheet HTML 48Page - STMicroelectronics PSD8XXFX Datasheet HTML 49Page - STMicroelectronics PSD8XXFX Datasheet HTML 50Page - STMicroelectronics PSD8XXFX Datasheet HTML 51Page - STMicroelectronics PSD8XXFX Datasheet HTML 52Page - STMicroelectronics PSD8XXFX Datasheet HTML 53Page - STMicroelectronics PSD8XXFX Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 128 page
background image
PLDS
PSD8XXFX
50/128
Doc ID 7833 Rev 7
14.2
Decode PLD (DPLD)
The DPLD, shown in Figure 13, is used for decoding the address for internal and external
components. The DPLD can be used to generate the following decode signals:
●
8 Sector Select (FS0-FS7) signals for the primary Flash memory (three product terms
each)
●
4 Sector Select (CSBOOT0-CSBOOT3) signals for the secondary Flash memory (three
product terms each)
●
1 internal SRAM Select (RS0) signal (two product terms)
●
1 internal CSIOP Select (PSD Configuration register) signal
●
1 JTAG Select signal (enables JTAG on port C)
●
2 internal Peripheral Select signals
(Peripheral I/O mode).
Figure 13.
DPLD logic array
(INPUTS)
(24)
(8)
(16)
(1)
PDN (APD OUTPUT)
I /O PORTS (PORT A,B,C)
(8)
PGR0 - PGR7
(8)
MCELLAB.FB [7:0] (FEEDBACKS)
MCELLBC.FB [7:0] (FEEDBACKS)
A[15:0]
*
(3)
(3)
PD[2:0] (ALE,CLKIN,CSI)
CNTRL[2:0] (READ/WRITE CONTROL SIGNALS)
(1)
(1)
RESET
RD_BSY
RS0
CSIOP
PSEL0
PSEL1
8 PRIMARY FLASH
MEMORY SECTOR SELECTS
SRAM SELECT
I/O DECODER
SELECT
PERIPHERAL I/O MODE
SELECT
CSBOOT 0
CSBOOT 1
CSBOOT 2
CSBOOT 3
FS0
FS7
3
3
3
3
3
3
3
3
3
3
3
3
2
JTAGSEL
AI02873D
FS1
FS2
FS3
FS6
FS5
FS4
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com