Electronic Components Datasheet Search
  English  ▼

X  

PSD8XXFX Datasheet(PDF) 87 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 87 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 83Page - STMicroelectronics PSD8XXFX Datasheet HTML 84Page - STMicroelectronics PSD8XXFX Datasheet HTML 85Page - STMicroelectronics PSD8XXFX Datasheet HTML 86Page - STMicroelectronics PSD8XXFX Datasheet HTML 87Page - STMicroelectronics PSD8XXFX Datasheet HTML 88Page - STMicroelectronics PSD8XXFX Datasheet HTML 89Page - STMicroelectronics PSD8XXFX Datasheet HTML 90Page - STMicroelectronics PSD8XXFX Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 128 page
background image
PSD8XXFX
Programming in-circuit using the JTAG serial interface
Doc ID 7833 Rev 7
87/128
19
Programming in-circuit using the JTAG serial
interface
The JTAG Serial Interface block can be enabled on port C (see Table 35). All memory blocks
(primary and secondary Flash memory), PLD logic, and PSD Configuration register bits may
be programmed through the JTAG Serial Interface block. A blank device can be mounted on
a printed circuit board and programmed using JTAG.
The standard JTAG signals (IEEE 1149.1) are TMS, TCK, TDI, and TDO. Two additional
signals, TSTAT and TERR, are optional JTAG extensions used to speed up Program and
Erase cycles.
Note:
By default, on a blank PSD (as shipped from the factory or after erasure), four pins on port C
are enabled for the basic JTAG signals TMS, TCK, TDI, and TDO.
See Application Note AN1153 for more details on JTAG in-system programming (ISP).
19.1
Standard JTAG signals
The standard JTAG signals (TMS, TCK, TDI, and TDO) can be enabled by any of three
different conditions that are logically ORed. When enabled, TDI, TDO, TCK, and TMS are
inputs, waiting for a JTAG serial command from an external JTAG controller device (such as
FlashLINK or Automated Test Equipment). When the enabling command is received, TDO
becomes an output and the JTAG channel is fully functional inside the PSD. The same
command that enables the JTAG channel may optionally enable the two additional JTAG
signals, TSTAT and TERR.
The following symbolic logic equation specifies the conditions enabling the four basic JTAG
signals (TMS, TCK, TDI, and TDO) on their respective port C pins. For purposes of
discussion, the logic label JTAG_ON is used. When JTAG_ON is true, the four pins are
enabled for JTAG. When JTAG_ON is false, the four pins can be used for general PSD I/O.
JTAG_ON = PSDsoft_enabled +
/* An NVM configuration bit inside the PSD is set by the designer
in the PSDsoft Express Configuration utility. This dedicates the
pins for JTAG at all times (compliant with IEEE 1149.1 */
Microcontroller_enabled +
/* The microcontroller can set a bit at run-time by writing to the
PSD register, JTAG Enable. This register is located at address CSIOP
+ offset C7h. Setting the JTAG_ENABLE bit in this register will
enable the pins for JTAG use. This bit is cleared by a PSD reset or
the microcontroller. See Table 36 for bit definition. */
PSD_product_term_enabled;
/* A dedicated product term (PT) inside the PSD can be used to
enable the JTAG pins. This PT has the reserved name JTAGSEL. Once
defined as a node in PSDabel, the designer can write an equation for
JTAGSEL. This method is used when the port C JTAG pins are
multiplexed with other I/O signals. It is recommended to logically
tie the node JTAGSEL to the JEN\ signal on the Flashlink cable when
multiplexing JTAG signals. See Application Note 1153 for details. */
The state of the PSD Reset (RESET) signal does not interrupt (or prevent) JTAG operations
if the JTAG pins are dedicated by an NVM configuration bit (via PSDsoft Express). However,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com